Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB081B Datasheet(PDF) 30 Page - ATMEL Corporation

Part # AT45DB081B
Description  8-megabit 2.5-volt Only or 2.7-volt Only DataFlash
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB081B Datasheet(HTML) 30 Page - ATMEL Corporation

Back Button AT45DB081B Datasheet HTML 25Page - ATMEL Corporation AT45DB081B Datasheet HTML 26Page - ATMEL Corporation AT45DB081B Datasheet HTML 27Page - ATMEL Corporation AT45DB081B Datasheet HTML 28Page - ATMEL Corporation AT45DB081B Datasheet HTML 29Page - ATMEL Corporation AT45DB081B Datasheet HTML 30Page - ATMEL Corporation AT45DB081B Datasheet HTML 31Page - ATMEL Corporation AT45DB081B Datasheet HTML 32Page - ATMEL Corporation AT45DB081B Datasheet HTML 33Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
30
AT45DB081B
2225I–DFLSH–9/05
8CN3 – CASON
2325 Orchard Parkway
San Jose, CA 95131
TITLE
DRAWING NO.
R
REV.
8CN3, 8-pad (6 x 8 x 1.0 mm Body), Lead Pitch 1.27 mm,
Chip Array Small Outline No Lead Package (CASON)
B
8CN3
7/10/03
Notes:
1. All dimensions and tolerance conform to ASME Y 14.5M, 1994.
2. The surface finish of the package shall be EDM Charmille #24-27.
3. Unless otherwise specified tolerance: Decimal ±0.05, Angular ±2
o.
4. Metal Pad Dimensions.
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
A
1.0
A1
0.17
0.21
0.25
b
0.41 TYP
4
D
7.90
8.00
8.10
E
5.90
6.00
6.10
e
1.27 BSC
e1
1.095 REF
L
0.67 TYP
4
L1
0.92
0.97
1.02
4
Pin1 Pad Corner
Marked Pin1 Indentifier
0.10 mm
TYP
4
3
2
1
5
6
7
8
Top View
L
b
e
L1
e1
Side View
A1
A
Bottom View
E
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com