Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1360 Datasheet(PDF) 11 Page - Zetex Semiconductors

Part # ZXLD1360
Description  1A LED driver with internal switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXLD1360 Datasheet(HTML) 11 Page - Zetex Semiconductors

Back Button ZXLD1360 Datasheet HTML 7Page - Zetex Semiconductors ZXLD1360 Datasheet HTML 8Page - Zetex Semiconductors ZXLD1360 Datasheet HTML 9Page - Zetex Semiconductors ZXLD1360 Datasheet HTML 10Page - Zetex Semiconductors ZXLD1360 Datasheet HTML 11Page - Zetex Semiconductors ZXLD1360 Datasheet HTML 12Page - Zetex Semiconductors ZXLD1360 Datasheet HTML 13Page - Zetex Semiconductors ZXLD1360 Datasheet HTML 14Page - Zetex Semiconductors ZXLD1360 Datasheet HTML 15Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
ZXLD1360
Issue 1 - March 2007
11
www.zetex.com
© Zetex Semiconductors plc 2007
Typical operating conditions
ZXLD1360 Output Current
L=47μH
900
920
940
960
980
1000
1020
1040
1060
0
5
10
15
20
25
30
35
Supply Voltage VIN (V)
1LED
2LED
3LED
4LED
5LED
6LED
7LED
8LED
ZXLD1360 Output Current
L=47μH
-10.0%
-8.0%
-6.0%
-4.0%
-2.0%
0.0%
2.0%
4.0%
6.0%
8.0%
10.0%
0
5
10
15
20
25
30
35
Supply VoltageVIN (V)
1LED
2LED
3LED
4LED
5LED
6LED
7LED
8LED
ZXLD1360 Switching Frequency
L=47μH
0
100
200
300
400
500
600
0
5
10
15
20
25
30
35
Supply Voltage VIN(V)
1 LED
2 LED
3 LED
4 LED
5 LED
6 LED
7 LED
8 LED
ZXLD1360 Duty Cycle
L=47μH
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30
35
Supply Voltage VIN (V)
1 LED
2 LED
3 LED
4 LED
5 LED
6 LED
7 LED
8 LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com