Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1360 Datasheet(PDF) 13 Page - Zetex Semiconductors

Part # ZXLD1360
Description  1A LED driver with internal switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXLD1360 Datasheet(HTML) 13 Page - Zetex Semiconductors

Back Button ZXLD1360 Datasheet HTML 9Page - Zetex Semiconductors ZXLD1360 Datasheet HTML 10Page - Zetex Semiconductors ZXLD1360 Datasheet HTML 11Page - Zetex Semiconductors ZXLD1360 Datasheet HTML 12Page - Zetex Semiconductors ZXLD1360 Datasheet HTML 13Page - Zetex Semiconductors ZXLD1360 Datasheet HTML 14Page - Zetex Semiconductors ZXLD1360 Datasheet HTML 15Page - Zetex Semiconductors ZXLD1360 Datasheet HTML 16Page - Zetex Semiconductors ZXLD1360 Datasheet HTML 17Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
ZXLD1360
Issue 1 - March 2007
13
www.zetex.com
© Zetex Semiconductors plc 2007
Typical operating conditions
Vref vs Supply Voltage
0
0.2
0.4
0.6
0.8
1
1.2
1.4
012345678
Supply Voltage VIN (V)
Vref vs Supply Voltage
1.2364
1.2365
1.2366
1.2367
1.2368
1.2369
1.237
1.2371
1.2372
0
5
10
15
20
25
30
35
Supply Voltage VIN (V)
Vref (V)
Supply Current vs Supply Voltage
0
100
200
300
400
500
600
0
5
10
15
20
25
30
35
Supply Voltage VIN (V)
Shutdown Current vs Supply Voltage
0
2
4
6
8
10
12
14
16
18
0
5
10
15
20
25
30
35
Supply Voltage VIN (V)
LED Current vs Vadj
0
200
400
600
800
1000
1200
0123
ADJ Pin Voltage (V)
R=100mΩ
R=150mΩ
R=330mΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com