Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1360 Datasheet(PDF) 21 Page - Zetex Semiconductors

Part # ZXLD1360
Description  1A LED driver with internal switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXLD1360 Datasheet(HTML) 21 Page - Zetex Semiconductors

Back Button ZXLD1360 Datasheet HTML 17Page - Zetex Semiconductors ZXLD1360 Datasheet HTML 18Page - Zetex Semiconductors ZXLD1360 Datasheet HTML 19Page - Zetex Semiconductors ZXLD1360 Datasheet HTML 20Page - Zetex Semiconductors ZXLD1360 Datasheet HTML 21Page - Zetex Semiconductors ZXLD1360 Datasheet HTML 22Page - Zetex Semiconductors ZXLD1360 Datasheet HTML 23Page - Zetex Semiconductors ZXLD1360 Datasheet HTML 24Page - Zetex Semiconductors ZXLD1360 Datasheet HTML 25Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
ZXLD1360
Issue 1 - March 2007
21
www.zetex.com
© Zetex Semiconductors plc 2007
Reducing output ripple
Peak to peak ripple current in the LED(s) can be reduced, if required, by shunting a capacitor Cled
across the LED(s) as shown below:
A value of 1 F will reduce the supply ripple current by a factor three (approx.). Proportionally
lower ripple can be achieved with higher capacitor values. Note that the capacitor will not affect
operating frequency or efficiency, but it will increase start-up delay, by reducing the rate of rise of
LED voltage.
By adding this capacitor the current waveform through the LED(s) changes from a triangular ramp
to a more sinusoidal version without altering the mean current value .
Operation at low supply voltage
The internal regulator disables the drive to the switch until the supply has risen above the start-
up threshold (VSU). Above this threshold, the device will start to operate. However, with the
supply voltage below the specified minimum value, the switch duty cycle will be high and the
device power dissipation will be at a maximum. Care should be taken to avoid operating the
device under such conditions in the application, in order to minimize the risk of exceeding the
maximum allowed die temperature. (See next section on thermal considerations). The drive to
the switch is turned off when the supply voltage falls below the under-voltage threshold (VSD).
This prevents the switch working with excessive 'on' resistance under conditions where the duty
cycle is high.
Note that when driving loads of two or more LEDs, the forward drop will normally be sufficient
to prevent the device from switching below approximately 6V. This will minimize the risk of
damage to the device.
Thermal considerations
When operating the device at high ambient temperatures, or when driving maximum load
current, care must be taken to avoid exceeding the package power dissipation limits. The graph
below gives details for power derating. This assumes the device to be mounted on a 25mm2 PCB
with 1oz copper standing in still air.
VIN
VIN
ISENSE
LX
ZXLD1360
Rs
L1
Cled
LED
D1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com