Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB325E-AC Datasheet(PDF) 29 Page - ATMEL Corporation

Part # AT43USB325E-AC
Description  Multimedia USB Keyboard Controller with Embedded Hub
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB325E-AC Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button AT43USB325E-AC Datasheet HTML 25Page - ATMEL Corporation AT43USB325E-AC Datasheet HTML 26Page - ATMEL Corporation AT43USB325E-AC Datasheet HTML 27Page - ATMEL Corporation AT43USB325E-AC Datasheet HTML 28Page - ATMEL Corporation AT43USB325E-AC Datasheet HTML 29Page - ATMEL Corporation AT43USB325E-AC Datasheet HTML 30Page - ATMEL Corporation AT43USB325E-AC Datasheet HTML 31Page - ATMEL Corporation AT43USB325E-AC Datasheet HTML 32Page - ATMEL Corporation AT43USB325E-AC Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 109 page
background image
29
3355C–USB–4/05
AT43USB325
ing the corresponding interrupt handling vector. Alternatively, OCF1B is cleared by writing a
logic one to the flag. When the I-bit in SREG, and OCIE1B (Timer/Counter1 Compare match
InterruptB Enable), and the OCF1B are set (one), the Timer/Counter1 Compare B match Inter-
rupt is executed.
• Bit 4 – Res: Reserved Bit
This bit is a reserved bit in the AT43USB325 and always reads zero.
• Bit 3 – ICF1: - Input Capture Flag 1
The ICF1 bit is set (one) to flag an input capture event, indicating that the Timer/Counter1 value
has been transferred to the input capture register - ICR1. ICF1 is cleared by the hardware when
executing the corresponding interrupt handling vector. Alternatively, ICF1 is cleared by writing a
logic one to the flag. When the SREG I-bit, and TICIE1 (Timer/Counter1 Input Capture Interrupt
Enable), and ICF1 are set (one), the Timer/Counter1 Capture Interrupt is executed.
• Bit 2 – Res: Reserved Bit
This bit is a reserved bit in the AT43USB325 and always reads zero.
• Bit 1 – TOV: Timer/Counter0 Overflow Flag
The bit TOV0 is set (one) when an overflow occurs in Timer/Counter0. TOV0 is cleared by the
hardware when executing the corresponding interrupt handling vector. Alternatively, TOV0 is
cleared by writing a logic one to the flag. When the SREG I- bit, and TOIE0 (Timer/Counter0
Overflow Interrupt Enable), and TOV0 are set (one), the Timer/Counter0 Overflow interrupt is
executed.
• Bit 0 – Res: Reserved Bit
This bit is a reserved bit in the AT43USB325 and always reads zero.
4.10
External Interrupts
The external interrupts are triggered by the INT1 and INTA/B/C/D pins. Observe that, if enabled,
the INT1 interrupt will trigger even if the INT1 pin is configured as an output. This feature pro-
vides a way of generating a software interrupt. A falling or rising edge or a low level can trigger
the external interrupts. This is set up as indicated in the specification for the MCU Control Regis-
ter – MCUCR and the Interrupt Sense Control Register – ISCR. When INT1 is enabled and is
configured as level triggered, the interrupt will trigger as long as the pin is held low. INT1 is set
up as described in the specification for the MCU Control Register – MCUCR.
4.11
Interrupt Response Time
The interrupt execution response for all the enabled AVR interrupts is 4 clock cycles minimum. 4
clock cycles after the interrupt flag has been set, the program vector address for the actual inter-
rupt handling routine is executed. During this 4 clock cycle period, the Program Counter (2
bytes) is pushed onto the Stack, and the Stack Pointer is decremented by 2. The vector is nor-
mally a jump to the interrupt routine, and this jump takes 3 clock cycles. If an interrupt occurs
during execution of a multi-cycle instruction, this instruction is completed before the interrupt is
served.
A return from an interrupt handling routine (same as for a subroutine call routine) takes 4 clock
cycles. During these 4 clock cycles, the Program Counter (2 bytes) is popped back from the
Stack, the Stack Pointer is incremented by 2, and the I flag in SREG is set. When the AVR exits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com