Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB325E-AC Datasheet(PDF) 30 Page - ATMEL Corporation

Part # AT43USB325E-AC
Description  Multimedia USB Keyboard Controller with Embedded Hub
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB325E-AC Datasheet(HTML) 30 Page - ATMEL Corporation

Back Button AT43USB325E-AC Datasheet HTML 26Page - ATMEL Corporation AT43USB325E-AC Datasheet HTML 27Page - ATMEL Corporation AT43USB325E-AC Datasheet HTML 28Page - ATMEL Corporation AT43USB325E-AC Datasheet HTML 29Page - ATMEL Corporation AT43USB325E-AC Datasheet HTML 30Page - ATMEL Corporation AT43USB325E-AC Datasheet HTML 31Page - ATMEL Corporation AT43USB325E-AC Datasheet HTML 32Page - ATMEL Corporation AT43USB325E-AC Datasheet HTML 33Page - ATMEL Corporation AT43USB325E-AC Datasheet HTML 34Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 109 page
background image
30
3355C–USB–4/05
AT43USB325
from an interrupt, it will always return to the main program and execute one more instruction
before any pending interrupt is served.
4.11.1
MCU Control Register – MCUCR
• Bit 7, 6 – Res: Reserved Bits
• Bit 5 – SE: Sleep Enable
The SE bit must be set (1) to make the MCU enter the sleep mode when the SLEEP instruction
is executed. To avoid the MCU entering the sleep mode, unless it is the programmer's purpose,
it is recommended to set the Sleep Enable SE bit just before the execution of the SLEEP
instruction.
• Bit 4 – SM: Sleep Mode
This bit selects between the two available sleep modes. When SM is cleared (zero), Idle Mode is
selected as Sleep Mode. When SM is set (1), Power Down mode is selected as sleep mode. The
AT43USB325 does not support the Idle Mode and SM should always be set to one when enter-
ing the Sleep Mode.
• Bit 3, 2 – ISC11, ISC10: Interrupt Sense Control 1 Bit 1 and Bit 0
The External Interrupt 1 is activated by the external pin INT1 if the SREG I-flag and the corre-
sponding interrupt mask in the GIMSK is set. The level and edges on the external INT1 pin that
activate the interrupt are defined in the following table:
Bit
7
6
5
4
3
2
1
0
$35 ($55)
–
–
SE
SM
ISC11
ISC10
–
–
MCUCR
Read/Write
R
R
R/W
R/W
R/W
R/W
R
R
Initial Value
0
0
0
0
0
0
0
0
Table 4-2.
INT1 Sense Control
ISC11
ISC10
Description
0
0
The low level of INT1 generates an interrupt request.
01
Reserved.
1
0
The falling edge of INT1 generates an interrupt request.
1
1
The rising edge of INT1 generates an interrupt request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com