Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB325E-AC Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT43USB325E-AC
Description  Multimedia USB Keyboard Controller with Embedded Hub
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB325E-AC Datasheet(HTML) 4 Page - ATMEL Corporation

  AT43USB325E-AC Datasheet HTML 1Page - ATMEL Corporation AT43USB325E-AC Datasheet HTML 2Page - ATMEL Corporation AT43USB325E-AC Datasheet HTML 3Page - ATMEL Corporation AT43USB325E-AC Datasheet HTML 4Page - ATMEL Corporation AT43USB325E-AC Datasheet HTML 5Page - ATMEL Corporation AT43USB325E-AC Datasheet HTML 6Page - ATMEL Corporation AT43USB325E-AC Datasheet HTML 7Page - ATMEL Corporation AT43USB325E-AC Datasheet HTML 8Page - ATMEL Corporation AT43USB325E-AC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 109 page
background image
4
3355C–USB–4/05
AT43USB325
1.3
Signal Description
Name
Type
Function
VCC1, 2
Power Supply/Ground
5V Power Supply
CEXT1, 2
Output
External Capacitors for Internal Voltage Regulator – A high quality 2.2µF capacitor must
be connected to CEXT1 and 0.33 µF to CEXT2 for proper operation of the chip.
VSS1, 2
Power Supply/Ground
Ground
XTAL1
Input
Oscillator Input – Input to the inverting oscillator amplifier.
XTAL2
Output
Oscillator Output – Output of the inverting oscillator amplifier.
LFT
Input
PLL Filter – For proper operation of the PLL, this pin should be connected through a 0.01 µF
capacitor in parallel with a 100
Ω resistor in series with a 0.1 µF capacitor to ground (VSS).
Both capacitors must be high quality ceramic.
DPO
Bi-directional
Upstream Plus USB I/O – This pin should be connected to CEXT1 through an external
1.5 k
Ω pull-up resistor. DP0 and DM0 form the differential signal pin pairs connected to the
Host Controller or an upstream Hub.
DMO
Bi-directional
Upstream Minus USB I/O
DP[2:5]
Bi-directional
Port Plus USB I/O – Each of these pins should be connected to VSS through an external
15 k
Ω resistor. DP[2:5] and DM[2:5] are the differential signal pin pairs to connect
downstream USB devices.
DM[2:5]
Bi-directional
Port Minus USB I/O – Each of these pins should be connected to VSS through an external
15 k
Ω resistor.
PA[0:7]
Bi-directional
Port A[0:7] – Bi-directional 8-bit I/O port with controlled slew rate. These pins are used as
eight of the keyboard matrix column output strobes. PA[0:7] = COL[0:7].
PB[0:7]
Bi-directional
Port B[0:7] – Bi-directional 8-bit I/O port controlled slew rate. These pins are used
as the eight of the keyboard matrix column output strobes: PB[0:7] = COL[8:15].
PB0 has a dual function: the input to timer/counter0.
PC[0:7]
Bi-directional
Port C[0:7] – Bi-directional 8-bit I/O port with internal pull-ups. These pins are used as
keyboard matrix row input signals. PC[0:7] = ROW [0:7].
PD[0,1,3:7]
Bi-directional
Port D[0,1,3:7] – Bi-directional I/O ports. Port D[1,4:7] have dual functions as shown below:
PE[0:3]
Bi-directional
Port E[0:3] – Bi-directional I/O port with controlled slew rate which can be used as four
additional keyboard column output strobes, COL[16:19].
PE[4:7]
Bi-directional
PE[4:7] – Bi-directional I/O port. PE[4:7] have built-in series limiting resistors and can be
used to drive LEDs directly
Port Pin
Alternate Function
PB0
T0, Timer/Counter0 external input
Port Pin
Alternate Function
PD1
T1, Timer/Counter1 External Input
PD3
INT1, External Interrupt Input 1
PD4
INTA, External Interrupt Input A
PD5
INTB, External Interrupt Input B
PD6
INTC, External Interrupt Input C
PD7
INTD, External Interrupt Input D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com