Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321C-RU Datasheet(PDF) 22 Page - ATMEL Corporation

Part # AT45DB321C-RU
Description  32-megabit 2.7 volt DataFlash
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321C-RU Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button AT45DB321C-RU Datasheet HTML 18Page - ATMEL Corporation AT45DB321C-RU Datasheet HTML 19Page - ATMEL Corporation AT45DB321C-RU Datasheet HTML 20Page - ATMEL Corporation AT45DB321C-RU Datasheet HTML 21Page - ATMEL Corporation AT45DB321C-RU Datasheet HTML 22Page - ATMEL Corporation AT45DB321C-RU Datasheet HTML 23Page - ATMEL Corporation AT45DB321C-RU Datasheet HTML 24Page - ATMEL Corporation AT45DB321C-RU Datasheet HTML 25Page - ATMEL Corporation AT45DB321C-RU Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
22
3387L–DFLASH–6/06
AT45DB321C
Note:
1. Maximum specified frequency for SPI compatibility is 33 MHz.
2. The device uses an adaptive algorithm during program and erase operations. Use the RDY/BUSY bit of the status register or
the RDY/BUSY pin to determine whether the program or erase operation has completed. Fixed timing should not be used.
3. Value are based on device characterization, not 100% tested in production.
Table 10-4.
AC Characteristics – Serial Interface
Symbol
Parameter
Min
Typ
Max
Units
fSCK
(1)
SCK Frequency
40
MHz
f
CAR
(1)
SCK Frequency for Continuous Array Read
40
MHz
t
WH
SCK High Time
10
ns
tWL
SCK Low Time
10
ns
t
CS
Minimum CS High Time
250
ns
tCSS
CS Setup Time
100
ns
tCSH
CS Hold Time
250
ns
t
CSB
CS High to RDY/BUSY Low
150
ns
tSU
Data In Setup Time
3
ns
tH
Data In Hold Time
6
ns
t
HO
Output Hold Time
0
ns
tDIS
Output Disable Time
10
ns
tV
Output Valid
12
ns
t
XFR
Page to Buffer Transfer/Compare Time
350
µs
tEP
(2)(3)
Page Erase and Programming Time
16
50
ms
tP
(2)(3)
Page Programming Time
8
15
ms
t
PE
(2)(3)
Page Erase Time
8
35
ms
tBE
(2)(3)
Block Erase Time
20
100
ms
t
RST
RESET Pulse Width
10
µs
t
REC
RESET Recovery Time
1
µs
tWPE
WP Low to Protection Enabled
1
µs
t
WPD
WP High to Protection Disabled
1
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com