Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321C-RU Datasheet(PDF) 30 Page - ATMEL Corporation

Part # AT45DB321C-RU
Description  32-megabit 2.7 volt DataFlash
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321C-RU Datasheet(HTML) 30 Page - ATMEL Corporation

Back Button AT45DB321C-RU Datasheet HTML 26Page - ATMEL Corporation AT45DB321C-RU Datasheet HTML 27Page - ATMEL Corporation AT45DB321C-RU Datasheet HTML 28Page - ATMEL Corporation AT45DB321C-RU Datasheet HTML 29Page - ATMEL Corporation AT45DB321C-RU Datasheet HTML 30Page - ATMEL Corporation AT45DB321C-RU Datasheet HTML 31Page - ATMEL Corporation AT45DB321C-RU Datasheet HTML 32Page - ATMEL Corporation AT45DB321C-RU Datasheet HTML 33Page - ATMEL Corporation AT45DB321C-RU Datasheet HTML 34Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
30
3387L–DFLASH–6/06
AT45DB321C
15.5.2
Main Memory Page Read (Opcode: D2H)
15.5.3
Buffer Read (Opcode: D4H or D6H)
15.5.4
Status Register Read (Opcode: D7H)
SI
1
1
0
10
XX
X
CS
SO
SCK
12345
61
62
63
64
65
66
67
XX
HIGH IMPEDANCE
D7
D6
D5
DATA OUT
COMMAND OPCODE
MSB
tSU
tV
D4
68
SI
1
1
0
10
XX
X
CS
SO
SCK
12345
37
38
39
40
41
42
43
XX
HIGH IMPEDANCE
D7
D6
D5
DATA OUT
COMMAND OPCODE
MSB
tSU
tV
D4
44
SI
1
1
0
10
11
1
CS
SO
SCK
12345
789
10
11
12
17
18
HIGH IMPEDANCE
D7
D6
D5
STATUS REGISTER OUTPUT
COMMAND OPCODE
MSB
tSU
tV
6
D4
D0
D7
LSB
MSB
D6
tV
DON’T CARE BYTE FOR
FREQ. OVER 25 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com