Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321C-RU Datasheet(PDF) 29 Page - ATMEL Corporation

Part # AT45DB321C-RU
Description  32-megabit 2.7 volt DataFlash
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321C-RU Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button AT45DB321C-RU Datasheet HTML 25Page - ATMEL Corporation AT45DB321C-RU Datasheet HTML 26Page - ATMEL Corporation AT45DB321C-RU Datasheet HTML 27Page - ATMEL Corporation AT45DB321C-RU Datasheet HTML 28Page - ATMEL Corporation AT45DB321C-RU Datasheet HTML 29Page - ATMEL Corporation AT45DB321C-RU Datasheet HTML 30Page - ATMEL Corporation AT45DB321C-RU Datasheet HTML 31Page - ATMEL Corporation AT45DB321C-RU Datasheet HTML 32Page - ATMEL Corporation AT45DB321C-RU Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
29
3387L–DFLASH–6/06
AT45DB321C
15.4.4
Status Register Read (Opcode: D7H)
15.4.5
Manufacturer and Device ID Read (Opcode: 9FH)
15.5
Detailed Bit-level Read Timing – RapidS Serial Interface Mode 3
15.5.1
Continuous Array Read (Opcode: E8H)
SI
1
1
0
10
11
1
CS
SO
SCK
12345
789
10
11
12
15
16
HIGH IMPEDANCE
STATUS REGISTER OUTPUT
COMMAND OPCODE
MSB
tSU
6
D1
D0
D7
LSB
MSB
D7
D6
D5
tV
D4
tV
DON’T CARE BYTE FOR
FREQ. OVER 25 MHz
SI
1
0-
0
11
11
1
CS
SO
SCK
12345
789
10
11
12
16
17
18
HIGH IMPEDANCE
PRODUCT ID OUTPUT
COMMAND OPCODE
MSB
tSU
6
100
MSB
LSB
000
tV
1
MANUFACTURER ID
SI
1
1X
X
X
CS
SO
SCK
12
63
64
65
66
67
HIGH IMPEDANCE
D7
D6
D5
D2
D1
D0
D7
D6
D5
BIT 0
OF
PAGE n+1
BIT 4223
OF
PAGE n
LSB
MSB
tSU
tV
DATA OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com