Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP4052-20PI Datasheet(PDF) 86 Page - ATMEL Corporation

Part # AT89LP4052-20PI
Description  8-bit Microcontroller with 2/4-Kbyte Flash
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP4052-20PI Datasheet(HTML) 86 Page - ATMEL Corporation

Back Button AT89LP4052-20PI Datasheet HTML 82Page - ATMEL Corporation AT89LP4052-20PI Datasheet HTML 83Page - ATMEL Corporation AT89LP4052-20PI Datasheet HTML 84Page - ATMEL Corporation AT89LP4052-20PI Datasheet HTML 85Page - ATMEL Corporation AT89LP4052-20PI Datasheet HTML 86Page - ATMEL Corporation AT89LP4052-20PI Datasheet HTML 87Page - ATMEL Corporation AT89LP4052-20PI Datasheet HTML 88Page - ATMEL Corporation AT89LP4052-20PI Datasheet HTML 89Page - ATMEL Corporation AT89LP4052-20PI Datasheet HTML 90Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 86 / 90 page
background image
86
3547F–MICRO–6/06
AT89LP2052/LP4052
26. Revision History
Revision A – March 2005
•
Initial Release
Revision B – June 2005
•
Last paragraph in Section 12.2 on page 12 was inserted.
Revision C – August 2005
•
In Table 15-3 on page 23, changed the SFR address for TCONB from 88H to 91H.
•
Changed the Maximum Bit Frequency from f/2 to f/4 in the
“Serial Peripheral Interface” on page 39.
•
In the “SPI Block Diagram” on page 40, the 16-bit reference was deleted
from Shift Register box.
•
In the “SPSR – SPI Status Register” on page 43, the Divider ratios were changed
to the following:
÷4÷8÷32÷64
•
Replaced CM3 with CM2 in Bit 2 of register ACSR (page 47)
•
In the “Programming Command Summary” on page 55, several changes were
made in specific bit positions within the Addr High, Addr Low and Data 0 columns.
Revision D – April 2006
•
Added ROHS compliant device offerings.
Revision E – June 2006
•
In pages 1, 79 and 80, the reference to VCC = 2.7V were changed to 2.4V. On page 76 the
maximum rating for the operating temperature was changed from +125
°C to +85°C.
Revision F – June 2006
•
In Table 6-1 on page 6, changed the SFR address of SPDR from 85H to 86H.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com