Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP4052-20PI Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT89LP4052-20PI
Description  8-bit Microcontroller with 2/4-Kbyte Flash
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP4052-20PI Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT89LP4052-20PI Datasheet HTML 2Page - ATMEL Corporation AT89LP4052-20PI Datasheet HTML 3Page - ATMEL Corporation AT89LP4052-20PI Datasheet HTML 4Page - ATMEL Corporation AT89LP4052-20PI Datasheet HTML 5Page - ATMEL Corporation AT89LP4052-20PI Datasheet HTML 6Page - ATMEL Corporation AT89LP4052-20PI Datasheet HTML 7Page - ATMEL Corporation AT89LP4052-20PI Datasheet HTML 8Page - ATMEL Corporation AT89LP4052-20PI Datasheet HTML 9Page - ATMEL Corporation AT89LP4052-20PI Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 90 page
background image
6
3547F–MICRO–6/06
AT89LP2052/LP4052
6.
Special Function Registers
A map of the on-chip memory area called the Special Function Register (SFR) space is shown in
Table 6-1.
Note that not all of the addresses are occupied, and unoccupied addresses may not be imple-
mented on the chip. Read accesses to these addresses will in general return random data, and
write accesses will have an indeterminate effect. User software should not write to these unlisted
locations, since they may be used in future products to invoke new features.
Note:
*These SFRs are bit-addressable.
Table 6-1.
AT89LP2052/LP4052 SFR Map and Reset Values
0F8H
0FFH
0F0H
B*
0000 0000
0F7H
0E8H
0EFH
0E0H
ACC*
0000 0000
0E7H
0D8H
0DFH
0D0H
PSW*
0000 0000
SPCR
0000 0000
0D7H
0C8H
0CFH
0C0H
P1M0
1111 1111
P1M1
0000 0000
P3M0
1111 1111
P3M1
0000 0000
0C7H
0B8H
IP*
x0x0 0000
SADEN
0000 0000
0BFH
0B0H
P3*
1111 1111
IPH
x0x0 0000
0B7H
0A8H
IE*
00x0 0000
SADDR
0000 0000
SPSR
000x xx00
0AFH
0A0H
WDTRST
(write-only)
WDTCON
0000 x000
0A7H
98H
SCON*
0000 0000
SBUF
xxxx xxxx
9FH
90H
P1*
1111 1111
TCONB
0010 0100
RL0
0000 0000
RL1
0000 0000
RH0
0000 0000
RH1
0000 0000
ACSR
xx00 0000
97H
88H
TCON*
0000 0000
TMOD
0000 0000
TL0
0000 0000
TL1
0000 0000
TH0
0000 0000
TH1
0000 0000
8FH
80H
SP
0000 0111
DPL
0000 0000
DPH
0000 0000
SPDR
xxxx xxxx
PCON
000x 0000
87H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com