Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP4052-20PI Datasheet(PDF) 55 Page - ATMEL Corporation

Part # AT89LP4052-20PI
Description  8-bit Microcontroller with 2/4-Kbyte Flash
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP4052-20PI Datasheet(HTML) 55 Page - ATMEL Corporation

Back Button AT89LP4052-20PI Datasheet HTML 51Page - ATMEL Corporation AT89LP4052-20PI Datasheet HTML 52Page - ATMEL Corporation AT89LP4052-20PI Datasheet HTML 53Page - ATMEL Corporation AT89LP4052-20PI Datasheet HTML 54Page - ATMEL Corporation AT89LP4052-20PI Datasheet HTML 55Page - ATMEL Corporation AT89LP4052-20PI Datasheet HTML 56Page - ATMEL Corporation AT89LP4052-20PI Datasheet HTML 57Page - ATMEL Corporation AT89LP4052-20PI Datasheet HTML 58Page - ATMEL Corporation AT89LP4052-20PI Datasheet HTML 59Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 90 page
background image
55
3547F–MICRO–6/06
AT89LP2052/LP4052
Notes:
1. Program Enable must be the first command issued after entering into programming mode.
2. Any number of Data bytes from 1 to 32 may be written/read. The internal address is incremented between each byte.
3. Fuse Bit Definitions:
*The AT89LP2052/LP4052 has ISP enabled by default from the factory. However, if ISP is later disabled, the ISP Enable
Fuse must be enabled by using Parallel Programming before entering ISP mode.
When disabling the ISP fuse during ISP, the current ISP session will remain active until RST is brought low.
4. Lock Bit Definitions:
5. Atmel Signature Byte:
6. Symbol Key:
22.1
Programming Command Summary
Command
Preamble
Opcode
Addr High
Addr Low
Data 0
Data n
Program Enable(1)
1010 1010
1010 1100
0101 0011
Chip Erase
1010 1010
1000 1010
Read Status
1010 1010
0110 0000
xxxx xxxx
xxxx
xxxx
Status Out
Load Code Page Buffer(2)
1010 1010
0101 0001
xxxx xxxx
xxx
DataIn 0 ... DataIn n
Write Code Page(2)
1010 1010
0101 0000
xxxx
DataIn 0 ... DataIn n
Read Code Page(2)
1010 1010
0011 0000
xxxx
DataOut 0 ... DataOut n
Write User Fuses(3)
1010 1010
1110 0001
xxxx xxxx
xxxx xxxx
xxxx
Read User Fuses(3)
1010 1010
0110 0001
xxxx xxxx
xxxx xxxx
xxxx
Write Lock Bits(4)
1010 1010
1110 0100
xxxx xxxx
xxxx xxxx
xxxx xx
Read Lock Bits(4)
1010 1010
0110 0100
xxxx xxxx
xxxx xxxx
xxxx xx
Write User Signature Page(2)
1010 1010
0101 0010
xxxx xxxx
xxx
DataIn 0 ... DataIn n
Read User Signature Page(2)
1010 1010
0011 0010
xxxx xxxx
xxx
DataOut 0 ... DataOut n
Read Atmel Signature Page(2)(5)
1010 1010
0011 1000
xxxx xxxx
xxx
DataOut 0 ... DataOut n
Bit 0
Bit 1
Bit 2
Bit 3
ISP Enable*
XTAL Osc Bypass
User Row Programming
System Clock Out
Enable = 0/Disable = 1
Enable = 0/Disable = 1
Enable = 0/Disable = 1
Enable = 0/Disable = 1
Bit 0
Bit 1
Lock Bit 1
Lock Bit 2
Locked = 0/Unlocked = 1
Locked = 0/Unlocked = 1
AT89LP2052:
Address 00H = 1EH
01H = 25H
02H = FFH
AT89LP4052:
Address 00H = 1EH
01H = 45H
02H = FFH
A:
Page Address Bit
B:
Byte Address Bit
F:
Fuse Bit Data
L:
Lock Bit Data
x:
Don’t Care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com