Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T89C51CC02CA-RATIM Datasheet(PDF) 1 Page - ATMEL Corporation

Part # T89C51CC02CA-RATIM
Description  Enhanced 8-bit Microcontroller with CAN Controller and Flash
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51CC02CA-RATIM Datasheet(HTML) 1 Page - ATMEL Corporation

  T89C51CC02CA-RATIM Datasheet HTML 1Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 2Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 3Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 4Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 5Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 6Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 7Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 8Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 156 page
background image
Rev. 4126J–CAN–05/06
Features
• 80C51 Core Architecture
• 256 Bytes of On-chip RAM
• 256 Bytes of On-chip XRAM
• 16K Bytes of On-chip Flash Memory
– Data Retention: 10 Years at 85°C
– Erase/Write Cycle: 100K
• Boot Code Section with Independent Lock Bits
• 2K Bytes of On-chip Flash for Bootloader
• In-System Programming by On-Chip Boot Program (CAN, UART) and IAP Capability
• 2K Bytes of On-chip EEPROM
– Erase/Write Cycle: 100K
• 14-sources 4-level Interrupts
• Three 16-bit Timers/Counters
• Full Duplex UART Compatible 80C51
• Maximum Crystal Frequency 40 MHz. In X2 Mode, 20 MHz (CPU Core, 40 MHz)
• Three or Four Ports: 16 or 20 Digital I/O Lines
• Two-channel 16-bit PCA
– PWM (8-bit)
– High-speed Output
– Timer and Edge Capture
• Double Data Pointer
• 21-bit Watchdog Timer (7 Programmable bits)
• A 10-bit Resolution Analog-to-Digital Converter (ADC) with 8 Multiplexed Inputs
• Full CAN Controller
– Fully Compliant with CAN rev.# 2.0A and 2.0B
– Optimized Structure for Communication Management (Via SFR)
– 4 Independent Message Objects
-Each Message Object Programmable on Transmission or Reception
-Individual Tag and Mask Filters up to 29-bit Identifier/Channel
-8-byte Cyclic Data Register (FIFO)/Message Object
-16-bit Status and Control Register/Message Object
-16-bit Time-Stamping Register/Message Object
-CAN Specification 2.0 Part A or 2.0 Part B Programmable for Each Message
Object
-Access to Message Object Control and Data Registers Via SFR
-Programmable Reception Buffer Length up to 4 Message Objects
-Priority Management of Reception of Hits on Several Message Objects
Simultaneously (Basic CAN Feature)
-Priority Management for Transmission
-Message Object Overrun Interrupt
– Supports
-Time Triggered Communication
-Autobaud and Listening Mode
-Programmable Automatic Reply Mode
• 1-Mbit/s Maximum Transfer Rate at 8 MHz(1) Crystal Frequency In X2 Mode
• Readable Error Counters
• Programmable Link to On-chip Timer for Time Stamping and Network Synchronization
• Independent Baud Rate Prescaler
• Data, Remote, Error and Overload Frame Handling
• Power-saving Modes
– Idle Mode
– Power-down Mode
• Power Supply: 3 Volts to 5.5 Volts
• Temperature Range: Industrial (-40
° to +85°C)
• Packages: SOIC28, SOIC24, PLCC28, VQFP32
Note:
1. At BRP = 1 sampling point will be fixed.
Enhanced 8-bit
Microcontroller
with CAN
Controller and
Flash
T89C51CC02
AT89C51CC02


Similar Part No. - T89C51CC02CA-RATIM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C51CC02CA-RATIM ATMEL-T89C51CC02CA-RATIM Datasheet
1Mb / 154P
Enhanced 8-bit Microcontroller with CAN Controller and Flash
T89C51CC02CA-RATIM ATMEL-T89C51CC02CA-RATIM Datasheet
1,003Kb / 145P
Enhanced 8-bit Microcontroller with CAN Controller and Flash Memory
T89C51CC02CA-RATIM ATMEL-T89C51CC02CA-RATIM Datasheet
1Mb / 159P
Enhanced 8-bit Microcontroller with CAN Controller and Flash
More results

Similar Description - T89C51CC02CA-RATIM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C51CC01 ATMEL-T89C51CC01 Datasheet
1Mb / 146P
Enhanced 8-bit MCU with CAN controller and Flash
T89C51CC02 ATMEL-T89C51CC02 Datasheet
1Mb / 154P
Enhanced 8-bit Microcontroller with CAN Controller and Flash
AT89C51CC03 ATMEL-AT89C51CC03 Datasheet
2Mb / 195P
Enhanced 8-bit MCU with CAN Controller and Flash Memory
AT89C51CC01 ATMEL-AT89C51CC01 Datasheet
1Mb / 170P
Enhanced 8-bit Microcontroller with CAN Controller and Flash Memory
AT89C51CC03 ATMEL-AT89C51CC03_06 Datasheet
2Mb / 197P
Enhanced 8-bit MCU with CAN Controller and Flash Memory
AT89C51CC03 ATMEL-AT89C51CC03_03 Datasheet
1Mb / 183P
Enhanced 8-bit MCU with CAN Controller and Flash Memory
T89C51CC01 ATMEL-T89C51CC01_03 Datasheet
1Mb / 160P
Enhanced 8-bit Microcontroller with CAN Controller and Flash Memory
T89C51CC02_0305 ATMEL-T89C51CC02_0305 Datasheet
1,003Kb / 145P
Enhanced 8-bit Microcontroller with CAN Controller and Flash Memory
T89C51CC01 ATMEL-T89C51CC01_08 Datasheet
1Mb / 167P
Enhanced 8-bit Microcontroller with CAN Controller and Flash Memory
T89C51CC02 ATMEL-T89C51CC02_08 Datasheet
1Mb / 159P
Enhanced 8-bit Microcontroller with CAN Controller and Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com