Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T89C51CC02CA-RATIM Datasheet(PDF) 12 Page - ATMEL Corporation

Part # T89C51CC02CA-RATIM
Description  Enhanced 8-bit Microcontroller with CAN Controller and Flash
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51CC02CA-RATIM Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button T89C51CC02CA-RATIM Datasheet HTML 8Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 9Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 10Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 11Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 12Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 13Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 14Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 15Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 156 page
background image
12
AT/T89C51CC02
4126J–CAN–05/06
CCAP0L
CCAP1L
EAh
EBh
PCA Compare
Capture Module 0 L
PCA Compare
Capture Module 1 L
CCAP0L7
CCAP1L7
CCAP0L6
CCAP1L6
CCAP0L5
CCAP1L5
CCAP0L4
CCAP1L4
CCAP0L3
CCAP1L3
CCAP0L2
CCAP1L2
CCAP0L1
CCAP1L1
CCAP0L0
CCAP1L0
Table 6. PCA SFRs (Continued)
Mnemonic
Add
Name
765432
10
Table 7. Interrupt SFRs
Mnemonic
Add
Name
765432
10
IEN0
A8h
Interrupt Enable
Control 0
EA
EC
ET2
ES
ET1
EX1
ET0
EX0
IEN1
E8h
Interrupt Enable
Control 1
ETIM
EADC
ECAN
IPL0
B8h
Interrupt Priority
Control Low 0
PPC
PT2
PS
PT1
PX1
PT0
PX0
IPH0
B7h
Interrupt Priority
Control High 0
PPCH
PT2H
PSH
PT1H
PX1H
PT0H
PX0H
IPL1
F8h
Interrupt Priority
Control Low 1
POVRL
PADCL
PCANL
IPH1
F7h
Interrupt Priority
Control High1
POVRH
PADCH
PCANH
Table 8. ADC SFRs
Mnemonic
Add
Name
765432
10
ADCON
F3h
ADC Control
PSIDLE
ADEN
ADEOC
ADSST
SCH2
SCH1
SCH0
ADCF
F6h
ADC Configuration
CH7
CH6
CH5
CH4
CH3
CH2
CH1
CH0
ADCLK
F2h
ADC Clock
PRS4
PRS3
PRS2
PRS1
PRS0
ADDH
F5h
ADC Data High byte
ADAT9
ADAT8
ADAT7
ADAT6
ADAT5
ADAT4
ADAT3
ADAT2
ADDL
F4h
ADC Data Low byte
ADAT1
ADAT0
Table 9. CAN SFRs
Mnemonic
Add Name
765
432
10
CANGCON
ABh
CAN General
Control
ABRQ
OVRQ
TTC
SYNCTTC
AUT-BAUD
TEST
ENA
GRES
CANGSTA
AAh
CAN General
Status
OVFG
TBSY
RBSY
ENFG
BOFF
ERRP
CANGIT
9Bh
CAN General
Interrupt
CANIT
OVRTIM
OVRBUF
SERG
CERG
FERG
AERG
CANBT1
B4h
CAN bit Timing 1
BRP5
BRP4
BRP3
BRP2
BRP1
BRP0
CANBT2
B5h
CAN bit Timing 2
SJW1
SJW0
PRS2
PRS1
PRS0
CANBT3
B6h
CAN bit Timing 3
PHS22
PHS21
PHS20
PHS12
PHS11
PHS10
SMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com