Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T89C51CC02CA-RATIM Datasheet(PDF) 41 Page - ATMEL Corporation

Part # T89C51CC02CA-RATIM
Description  Enhanced 8-bit Microcontroller with CAN Controller and Flash
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51CC02CA-RATIM Datasheet(HTML) 41 Page - ATMEL Corporation

Back Button T89C51CC02CA-RATIM Datasheet HTML 37Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 38Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 39Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 40Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 41Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 42Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 43Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 44Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 45Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 156 page
background image
41
AT/T89C51CC02
4126J–CAN–05/06
Figure 17. Reading Procedure
Note:
aa = 10 for the Hardware Security Byte.
Flash Protection from Parallel
Programming
The three lock bits in Hardware Security Byte (See ’In-System Programming’ section)
are programmed according to Table 24 provide different level of protection for the on-
chip code and data located in FM0 and FM1.
The only way to write this bits are the parallel mode. They are set by default to level 3.
Table 24. Program Lock bit
Note:
1. Program Lock bits
U: unprogrammed
P: programmed
WARNING: Security level 2, 3 and 4 should only be programmed after Flash and Core
verification.
Preventing Flash Corruption
See Section “Power Management”.
Flash Spaces Reading
Flash Spaces Mapping
FCON = 00000aa0b
Data Read
DPTR = Address
ACC= 0
Exec: MOVC A, @A+DPTR
Clear Mode
FCON = 00h
Program Lock bits
Protection Description
Security
Level
LB0
LB1
LB2
1
U
U
U
No program lock features enabled.
2
P
U
U
Parallel programming of the Flash is disabled.
3U
P
U
Same as 2, also verify through parallel programming interface is
disabled. This is the factory defaul programming.
4
UUP
Same as 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com