Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T89C51CC02CA-RATIM Datasheet(PDF) 112 Page - ATMEL Corporation

Part # T89C51CC02CA-RATIM
Description  Enhanced 8-bit Microcontroller with CAN Controller and Flash
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51CC02CA-RATIM Datasheet(HTML) 112 Page - ATMEL Corporation

Back Button T89C51CC02CA-RATIM Datasheet HTML 108Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 109Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 110Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 111Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 112Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 113Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 114Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 115Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 116Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 156 page
background image
112
AT/T89C51CC02
4126J–CAN–05/06
Table 88. CANTCON Register
CANTCON (S:A1h)
CAN Timer ClockControl
Reset Value = 00h
Table 89. CANTIMH Register
CANTIMH (S:ADh)
CAN Timer High
Reset Value = 0000 0000b
Table 90. CANTIML Register
CANTIML (S:ACh)
CAN Timer Low
Reset Value = 0000 0000b
76
54
32
1
0
TPRESC 7
TPRESC 6
TPRESC 5
TPRESC 4
TPRESC 3
TPRESC 2
TPRESC 1
TPRESC 0
Bit Number
Bit Mnemonic
Description
7 - 0
TPRESC7:0
Timer Prescaler of CAN Timer
This register is a prescaler for the main timer upper counter
range = 0 to 255.
See Figure 44.
76
54
32
1
0
CANGTIM
15
CANGTIM
14
CANGTIM
13
CANGTIM
12
CANGTIM
11
CANGTIM
10
CANGTIM
9
CANGTIM
8
Bit Number
Bit Mnemonic
Description
7 - 0
CANGTIM15:8
High byte of Message Timer
See Figure 44.
76
54
32
1
0
CANGTIM
7
CANGTIM
6
CANGTIM
5
CANGTIM
4
CANGTIM
3
CANGTIM
2
CANGTIM
1
CANGTIM
0
Bit Number
Bit Mnemonic
Description
7 - 0
CANGTIM7:0
Low byte of Message Timer
See Figure 44.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com