Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT80C51SND1C-ROTIL Datasheet(PDF) 96 Page - ATMEL Corporation

Part # AT80C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80C51SND1C-ROTIL Datasheet(HTML) 96 Page - ATMEL Corporation

Back Button AT80C51SND1C-ROTIL Datasheet HTML 92Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 93Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 94Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 95Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 96Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 97Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 98Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 99Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 100Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 212 page
background image
96
4109J–8051–10/06
AT8xC51SND1C
Table 1. Priority Levels
14.9.2
USB Interrupt Control System
As shown in Figure 14-16, many events can produce a USB interrupt:
•
TXCMPL: Transmitted In Data (Table 86 on page 101). This bit is set by hardware when the
Host accept a In packet.
•
RXOUTB0: Received Out Data Bank 0 (Table 86 on page 101). This bit is set by hardware
when an Out packet is accepted by the endpoint and stored in bank 0.
•
RXOUTB1: Received Out Data Bank 1 (only for Ping-pong endpoints) (Table 86 on page
101). This bit is set by hardware when an Out packet is accepted by the endpoint and stored
in bank 1.
•
RXSETUP: Received Setup (Table 86 on page 101). This bit is set by hardware when an
SETUP packet is accepted by the endpoint.
•
STLCRC: STALLED (only for Control, Bulk and Interrupt endpoints) (Table 86 on page 101).
This bit is set by hardware when a STALL handshake has been sent as requested by
STALLRQ, and is reset by hardware when a SETUP packet is received.
•
SOFINT: Start of Frame Interrupt (Table 82 on page 99). This bit is set by hardware when a
USB start of frame packet has been received.
•
WUPCPU: Wake-Up CPU Interrupt (Table 82 on page 99). This bit is set by hardware when
a USB resume is detected on the USB bus, after a SUSPEND state.
•
SPINT: Suspend Interrupt (Table 82 on page 99). This bit is set by hardware when a USB
suspend is detected on the USB bus.
IPHUSB
IPLUSB
USB Priority Level
0
0
0..................Lowest
01
1
10
2
1
1
3..................Highest



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com