Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT80C51SND1C-ROTIL Datasheet(PDF) 38 Page - ATMEL Corporation

Part # AT80C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80C51SND1C-ROTIL Datasheet(HTML) 38 Page - ATMEL Corporation

Back Button AT80C51SND1C-ROTIL Datasheet HTML 34Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 35Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 36Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 37Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 38Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 39Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 40Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 41Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 42Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 212 page
background image
38
4109J–8051–10/06
AT8xC51SND1C
8.
Interrupt System
The AT8xC51SND1C, like other control-oriented computer architectures, employ a program
interrupt method. This operation branches to a subroutine and performs some service in
response to the interrupt. When the subroutine completes, execution resumes at the point where
the interrupt occurred. Interrupts may occur as a result of internal AT8xC51SND1C activity (e.g.,
timer overflow) or at the initiation of electrical signals external to the microcontroller (e.g., key-
board). In all cases, interrupt operation is programmed by the system designer, who determines
priority of interrupt service relative to normal code execution and other interrupt service routines.
All of the interrupt sources are enabled or disabled by the system designer and may be manipu-
lated dynamically.
A typical interrupt event chain occurs as follows:
•
An internal or external device initiates an interrupt-request signal. The AT8xC51SND1C,
latches this event into a flag buffer.
•
The priority of the flag is compared to the priority of other interrupts by the interrupt handler.
A high priority causes the handler to set an interrupt flag.
•
This signals the instruction execution unit to execute a context switch. This context switch
breaks the current flow of instruction sequences. The execution unit completes the current
instruction prior to a save of the program counter (PC) and reloads the PC with the start
address of a software service routine.
•
The software service routine executes assigned tasks and as a final activity performs a RETI
(return from interrupt) instruction. This instruction signals completion of the interrupt, resets
the interrupt-in-progress priority and reloads the program counter. Program operation then
continues from the original point of interruption.
Table 38. Interrupt System Signals
Six interrupt registers are used to control the interrupt system. 2 8-bit registers are used to
enable separately the interrupt sources: IEN0 and IEN1 registers (see Table 41 and Table 42).
Four 8-bit registers are used to establish the priority level of the different sources: IPH0, IPL0,
IPH1 and IPL1 registers (see Table 43 to Table 46).
8.1
Interrupt System Priorities
Each of the interrupt sources on the AT8xC51SND1C can be individually programmed to one of
four priority levels. This is accomplished by one bit in the Interrupt Priority High registers (IPH0
and IPH1) and one bit in the Interrupt Priority Low registers (IPL0 and IPL1). This provides each
interrupt source four possible priority levels according to Table 39.
Signal
Name
Type
Description
Alternate
Function
INT0
I
External Interrupt 0
See section "External Interrupts", page 41.
P3.2
INT1
I
External Interrupt 1
See section “External Interrupts”, page 41.
P3.3
KIN3:0
I
Keyboard Interrupt Inputs
See section “Keyboard Interface”, page 178.
P1.3:0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com