Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT80C51SND1C-ROTIL Datasheet(PDF) 44 Page - ATMEL Corporation

Part # AT80C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80C51SND1C-ROTIL Datasheet(HTML) 44 Page - ATMEL Corporation

Back Button AT80C51SND1C-ROTIL Datasheet HTML 40Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 41Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 42Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 43Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 44Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 45Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 46Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 47Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 48Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 212 page
background image
44
4109J–8051–10/06
AT8xC51SND1C
Reset Value = X000 0000b
Table 44. IPH1 Register
IPH1 (S:B3h) – Interrupt Priority High Register 1
Reset Value = 0000 0000b
Bit
Number
Bit
Mnemonic
Description
7-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
6IPHAUD
Audio Interface Interrupt Priority Level MSB
Refer to Table 39 for priority level description.
5IPHMP3
MP3 Decoder Interrupt Priority Level MSB
Refer to Table 39 for priority level description.
4IPHS
Serial Port Interrupt Priority Level MSB
Refer to Table 39 for priority level description.
3IPHT1
Timer 1 Interrupt Priority Level MSB
Refer to Table 39 for priority level description.
2IPHX1
External Interrupt 1 Priority Level MSB
Refer to Table 39 for priority level description.
1IPHT0
Timer 0 Interrupt Priority Level MSB
Refer to Table 39 for priority level description.
0IPHX0
External Interrupt 0 Priority Level MSB
Refer to Table 39 for priority level description.
7654
3210
-
IPHUSB
-
IPHKB
IPHADC
IPHSPI
IPHI2C
IPHMMC
Bit
Number
Bit
Mnemonic
Description
7-
Reserved
The value read from this bit is always 0. Do not set this bit.
6
IPHUSB
USB Interrupt Priority Level MSB
Refer to Table 39 for priority level description.
5-
Reserved
The value read from this bit is always 0. Do not set this bit.
4IPHKB
Keyboard Interrupt Priority Level MSB
Refer to Table 39 for priority level description.
3IPHADC
A to D Converter Interrupt Priority Level MSB
Refer to Table 39 for priority level description.
2IPHSPI
SPI Interrupt Priority Level MSB
Refer to Table 39 for priority level description.
1IPHI2C
Two Wire Controller Interrupt Priority Level MSB
Refer to Table 39 for priority level description.
0IPHMMC
MMC Interrupt Priority Level MSB
Refer to Table 39 for priority level description.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com