Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT80C51SND1C-ROTIL Datasheet(PDF) 130 Page - ATMEL Corporation

Part # AT80C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80C51SND1C-ROTIL Datasheet(HTML) 130 Page - ATMEL Corporation

Back Button AT80C51SND1C-ROTIL Datasheet HTML 126Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 127Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 128Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 129Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 130Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 131Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 132Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 133Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 134Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 212 page
background image
130
4109J–8051–10/06
AT8xC51SND1C
16. IDE/ATAPI Interface
The AT8xC51SND1C provides an IDE/ATAPI interface allowing connection of devices such as
CD-ROM reader, CompactFlash cards, Hard Disk Drive, etc. It consists of a 16-bit data transfer
(read or write) between the AT8xC51SND1C and the IDE device.
16.1
Description
The IDE interface mode is enabled by setting the EXT16 bit in AUXR (see Figure 19, page 30).
As soon as this bit is set, all MOVX instructions read or write are done in a 16-bit mode compare
to the standard 8-bit mode. P0 carries the low order multiplexed address and data bus (A7:0,
D7:0) while P2 carries the high order multiplexed address and data bus (A15:8, D15:8). When
writing data in IDE mode, the ACC contains D7:0 data (as in 8-bit mode) while DAT16H register
(see Table 112) contains D15:8 data. When reading data in IDE mode, D7:0 data is returned in
ACC while D15:8 data is returned in DAT16H.
Figure 16-1 shows the IDE read bus cycle while Figure 16-2 shows the IDE write bus cycle. For
simplicity, these figures depict the bus cycle waveforms in idealized form and do not provide pre-
cise timing information. For IDE bus cycle timing parameters refer to the Section “AC
Characteristics”.
IDE cycle takes 6 CPU clock periods which is equivalent to 12 oscillator clock periods in stan-
dard mode or 6 oscillator clock periods in X2 mode. For further information on X2 mode, refer to
the Section “X2 Feature”, page 12.
Slow IDE devices can be accessed by stretching the read and write cycles. This is done using
the M0 bit in AUXR. Setting this bit changes the width of the RD and WR signals from 3 to 15
CPU clock periods.
Figure 16-1. IDE Read Waveforms
Notes:
1. RD signal may be stretched using M0 bit in AUXR register.
2. When executing MOVX @Ri instruction, P2 outputs SFR content.
3. When executing MOVX @DPTR instruction, if DPHDIS is set (Page Access Mode), P2 out-
puts SFR content instead of DPH.
ALE
P0
P2
RD(1)
DPL or Ri
D7:0
P2
CPU Clock
DPH or P2
(2),(3)
D15:8
P2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com