Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT80C51SND1C-ROTIL Datasheet(PDF) 136 Page - ATMEL Corporation

Part # AT80C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80C51SND1C-ROTIL Datasheet(HTML) 136 Page - ATMEL Corporation

Back Button AT80C51SND1C-ROTIL Datasheet HTML 132Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 133Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 134Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 135Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 136Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 137Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 138Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 139Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 140Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 212 page
background image
136
4109J–8051–10/06
AT8xC51SND1C
17.3.3
Baud Rate Selection (Mode 0)
In mode 0, the baud rate can be either, fixed or variable.
As shown in Figure 17-6, the selection is done using M0SRC bit in BDRCON register.
Figure 17-7 gives the baud rate calculation formulas for each baud rate source.
Figure 17-6. Baud Rate Source Selection (mode 0)
Figure 17-7. Baud Rate Formulas (Mode 0)
17.4
Asynchronous Modes (Modes 1, 2 and 3)
The Serial Port has one 8-bit and 2 9-bit asynchronous modes of operation. Figure 17-8 shows
the Serial Port block diagram in such asynchronous modes.
Figure 17-8. Serial I/O Port Block Diagram (Modes 1, 2 and 3)
17.4.0.1
Mode 1
Mode 1 is a full-duplex, asynchronous mode. The data frame (see Figure 17-9) consists of 10
bits: one start, eight data bits and one stop bit. Serial data is transmitted on the TXD pin and
received on the RXD pin. When a data is received, the stop bit is read in the RB8 bit in SCON
register.
0
1
M0SRC
BDRCON.0
PER
CLOCK
÷ 6
To Serial Port
IBRG
CLOCK
Baud_Rate=
6
(1-SPD)
⋅ 32 ⋅ (256 -BRL)
2SMOD1
⋅ F
PER
BRL= 256
-
6
(1-SPD)
⋅ 32 ⋅ Baud_Rate
2SMOD1
⋅ F
PER
a. Fixed Formula
b. Variable Formula
Baud_Rate
=
6
F
PER
TB8
SCON.3
IBRG
CLOCK
RXD
TXD
SBUF Tx SR
Rx SR
SM1
SCON.6
SM0
SCON.7
Mode Decoder
M3 M2 M1 M0
RI
SCON.0
TI
SCON.1
Mode & Clock
Controller
SBUF Rx
RB8
SCON.2
SM2
SCON.4
T1
CLOCK
PER
CLOCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com