Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT80C51SND1C-ROTIL Datasheet(PDF) 146 Page - ATMEL Corporation

Part # AT80C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80C51SND1C-ROTIL Datasheet(HTML) 146 Page - ATMEL Corporation

Back Button AT80C51SND1C-ROTIL Datasheet HTML 142Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 143Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 144Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 145Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 146Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 147Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 148Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 149Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 150Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 212 page
background image
146
4109J–8051–10/06
AT8xC51SND1C
18. Synchronous Peripheral Interface
The AT8xC51SND1C implements a Synchronous Peripheral Interface with master and slave
modes capability.
Figure 18-1 shows an SPI bus configuration using the AT8xC51SND1C as master connected to
slave peripherals while Figure 18-2 shows an SPI bus configuration using the AT8xC51SND1C
as slave of an other master.
The bus is made of three wires connecting all the devices together:
•
Master Output Slave Input (MOSI): it is used to transfer data in series from the master to a
slave.
It is driven by the master.
•
Master Input Slave Output (MISO): it is used to transfer data in series from a slave to the
master.
It is driven by the selected slave.
•
Serial Clock (SCK): it is used to synchronize the data transmission both in and out the
devices through their MOSI and MISO lines. It is driven by the master for eight clock cycles
which allows to exchange one Byte on the serial lines.
Each slave peripheral is selected by one Slave Select pin (SS). If there is only one slave, it may
be continuously selected with SS tied to a low level. Otherwise, the AT8xC51SND1C may select
each device by software through port pins (Pn.x). Special care should be taken not to select 2
slaves at the same time to avoid bus conflicts.
Figure 18-1. Typical Master SPI Bus Configuration
Figure 18-2. Typical Slave SPI Bus Configuration
AT8xC51SND1C
DataFlash 1
SS
MISO
MOSI
SCK
P4.0
P4.1
P4.2
Pn.z
Pn.y
Pn.x
SO
SI
SCK
DataFlash 2
SS
SO
SI
SCK
LCD
Controller
SS
SO
SI
SCK
MASTER
Slave 1
SS
MISO
MOSI
SCK
SSn
SS1
SS0
SO
SI
SCK
Slave 2
SS
SO
SI
SCK
AT8xC51SND1C
Slave n
SS
MISO MOSI SCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com