Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT80C51SND1C-ROTIL Datasheet(PDF) 156 Page - ATMEL Corporation

Part # AT80C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80C51SND1C-ROTIL Datasheet(HTML) 156 Page - ATMEL Corporation

Back Button AT80C51SND1C-ROTIL Datasheet HTML 152Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 153Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 154Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 155Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 156Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 157Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 158Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 159Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 160Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 212 page
background image
156
4109J–8051–10/06
AT8xC51SND1C
Reset Value = 0001 0100b
Note:
1. When the SPI is disabled, SCK outputs high level.
Table 123. SPSTA Register
SPSTA (S:C4h) – SPI Status Register
Reset Value = 00000 0000b
Table 124. SPDAT Register
SPDAT (S:C5h) – Synchronous Serial Data Register
Reset Value = XXXX XXXXb
1 - 0
SPR1:0
SPI Rate Bits 0 and 1
Refer to Table 121 for bit rate description.
7654
3210
SPIF
WCOL
-
MODF
----
Bit
Number
Bit
Mnemonic
Description
7
SPIF
SPI Interrupt Flag
Set by hardware when an 8-bit shift is completed.
Cleared by hardware when reading or writing SPDAT after reading SPSTA.
6WCOL
Write Collision Flag
Set by hardware to indicate that a collision has been detected.
Cleared by hardware to indicate that no collision has been detected.
5-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
4MODF
Mode Fault
Set by hardware to indicate that the SS pin is at an appropriate level.
Cleared by hardware to indicate that the SS pin is at an inappropriate level.
3 - 0
-
Reserved
The value read from these bits is indeterminate. Do not set these bits.
7654
3210
SPD7
SPD6SPD5SPD4SPD3SPD2SPD1
SPD0
Bit
Number
Bit
Mnemonic
Description
7 - 0
SPD7:0
Synchronous Serial Data.
Bit
Number
Bit
Mnemonic
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com