Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTIL Datasheet(PDF) 89 Page - ATMEL Corporation

Part # AT89C5132-ROTIL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTIL Datasheet(HTML) 89 Page - ATMEL Corporation

Back Button AT89C5132-ROTIL Datasheet HTML 85Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 86Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 87Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 88Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 89Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 90Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 91Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 92Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 93Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 181 page
background image
89
4173D–USB–02/06
AT89C5132
Figure 16-12. Command Line Controller Block Diagram
16.5.1
Command Transmitter
To send a command to the card, the user must load the command index (1 byte) and argument
(4 Bytes) in the command transmit FIFO using the MMCMD register. Before starting transmis-
sion by setting and clearing the CMDEN bit in MMCON1 register, the user must first configure:
•
RESPEN bit in MMCON1 register to indicate whether a response is expected or not.
•
RFMT bit in MMCON0 register to indicate the response size expected.
•
CRCDIS bit in MMCON0 register to indicate whether the CRC7 included in the response will
be computed or not. In order to avoid CRC error, CRCDIS may be set for responses that do
not include CRC7.
Figure 16-13 summarizes the command transmission flow.
As soon as command transmission is enabled, the CFLCK flag in MMSTA is set indicating that
write to the FIFO is locked. This mechanism is implemented to avoid command over-run.
The end of the command transmission is signalled by the EOCI flag in MMINT register becoming
set. This flag may generate an MMC interrupt request as detailed in Section "Interrupt", page 96.
The end of the command transmission also resets the CFLCK flag.
The user may abort command loading by setting and clearing the CTPTR bit in MMCON0 regis-
ter which resets the write pointer to the transmit FIFO.
CTPTR
MMCON0.4
CRPTR
MMCON0.5
MCMD
CMDEN
MMCON1.0
TX COMMAND Line
Finished State Machine
Data Converter
// -> Serial
5-byte FIFO
MMCMD
TX Pointer
RFMT
MMCON0.1
CRCDIS
MMCON0.0
RESPEN
MMCON1.1
Data Converter
Serial -> //
RX Pointer
17-byte FIFO
MMCMD
CFLCK
MMSTA.0
CRC7
Generator
RX COMMAND Line
Finished State Machine
CRC7 and Format
Checker
CRC7S
MMSTA.2
RESPFS
MMSTA.1
EOCI
MMINT.5
EORI
MMINT.6
Command Transmitter
Command Receiver
Write
Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com