Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTIL Datasheet(PDF) 18 Page - ATMEL Corporation

Part # AT89C5132-ROTIL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTIL Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button AT89C5132-ROTIL Datasheet HTML 14Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 15Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 16Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 17Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 18Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 19Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 20Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 21Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 181 page
background image
18
4173D–USB–02/06
AT89C5132
7.1.1
User Space
This space is composed of a 64K Bytes Flash memory organized in 512 pages of 128 Bytes. It
contains the user’s application code. This space can be read or written by both software and
hardware modes.
7.1.2
Boot Space
This space is composed of a 4K Bytes Flash memory. It contains the bootloader for In-System
Programming and the routines for In-System Application Programming.
This space can only be read or written by hardware mode using a parallel programming tool.
7.1.3
Hardware Security Space
This space is composed of one byte: the Hardware Security Byte (HSB see Table 7) divided in
two separate nibbles see Table 7. The MSN contains the X2 mode configuration bit and the Boot
Loader Jump Bit as detailed in section “Boot Memory Execution” and can be written by software
while the LSN contains the lock system level to protect the memory content against piracy as
detailed in section “Hardware Security System” and can only be written by hardware.
7.1.4
Extra Row Space
This space is composed of two Bytes:
•
The Software Boot Vector (SBV see Table 8).
This byte is used by the software bootloader to build the boot address.
•
The Software Security Byte (SSB see Figure ).
This byte is used to lock the execution of some bootloader commands.
7.2
Hardware Security System
The AT89C5132 implements three lock Bits LB2:0 in the LSN of HSB (see Table 7) providing
three levels of security for user’s program as described in Table 7 while the AT83C51SND1C is
always set in read disabled mode.
•
Level 0 is the level of an erased part and does not enable any security feature.
•
Level 1 locks the hardware programming of both user and boot memories.
•
Level 2 locks hardware verifying of both user and boot memories.
•
Level 3 locks the external execution.
Notes:
1. U means unprogrammed, P means programmed and X means don’t care (programmed or
unprogrammed).
2. LB2 is not implemented in the AT89C5132 products.
3. AT89C5132 products are delivered with third level programmed to ensure that the code pro-
grammed by software using ISP or user’s bootloader is secured from any hardware piracy.
Table 5. Lock Bit Features
(1)
Level
LB2(2)
LB1
LB0
Internal
Execution
External
Execution
Hardware
Verifying
Hardware
Programming
Software
Programming
0
U
U
U
Enable
Enable
Enable
Enable
Enable
1
U
U
P
Enable
Enable
Enable
Disable
Enable
2
U
P
X
Enable
Enable
Disable
Disable
Enable
3(3)
P
X
X
Enable
Disable
Disable
Disable
Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com