Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTIL Datasheet(PDF) 94 Page - ATMEL Corporation

Part # AT89C5132-ROTIL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTIL Datasheet(HTML) 94 Page - ATMEL Corporation

Back Button AT89C5132-ROTIL Datasheet HTML 90Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 91Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 92Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 93Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 94Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 95Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 96Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 97Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 98Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 181 page
background image
94
4173D–USB–02/06
AT89C5132
Figure 16-17. Data Block Transmission Flows
16.6.4
Data Receiver
16.6.4.1
Configuration
To receive data from the card, the user must first configure the data controller in reception mode
by clearing the DATDIR bit in MMCON1 register.
Figure 16-18 summarizes the data stream reception flows in both polling and interrupt modes
while Figure 16-19 summarizes the data block reception flows in both polling and interrupt
modes, these flows assume that block length is greater than 16 Bytes.
16.6.4.2
Data Reception
The end of data frame (block or stream) reception is signalled by the EOFI flag in MMINT regis-
ter. This flag may generate an MMC interrupt request as detailed in Section "Interrupt", page 96.
When this flag is set, two other flags in MMSTA register: DATFS and CRC16S give a status on
the frame received. DATFS indicates if the frame format is correct or not: a valid End bit has
been received, and CRC16S indicates if the CRC16 computation is correct or not. In case of
data stream CRC16S has no meaning and stays cleared.
According to the MMC specification data transmission, the card starts after the access time
delay (formally N
AC parameter) beginning from the End bit of the read command. To avoid any
locking of the MMC controller when card does not send its data (e.g. physically removed from
the bus), the user must launch a time-out period to exit from such situation. In case of time-out
Data Block
Transmission
Start Transmission
DATEN = 1
DATEN = 0
FIFO Empty?
F1EI or F2EI = 1?
FIFO Filling
Write 8 Data to MMDAT
No More Data
To Send?
FIFOs Filling
Write 16 Data to MMDAT
a. Polling Mode
Data Block
Initialization
Start Transmission
DATEN = 1
DATEN = 0
FIFOs Filling
Write 16 Data to MMDAT
Data Block
Transmission ISR
FIFO Filling
Write 8 Data to MMDAT
No More Data
to Send?
b. Interrupt Mode
FIFO Empty?
F1EI or F2EI = 1?
Mask FIFOs Empty
F1EM = 1
F2EM = 1
Unmask FIFOs Empty
F1EM = 0
F2EM = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com