Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTIL Datasheet(PDF) 156 Page - ATMEL Corporation

Part # AT89C5132-ROTIL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTIL Datasheet(HTML) 156 Page - ATMEL Corporation

Back Button AT89C5132-ROTIL Datasheet HTML 152Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 153Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 154Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 155Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 156Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 157Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 158Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 159Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 160Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 181 page
background image
156
4173D–USB–02/06
AT89C5132
Figure 23-2. I
DL Test Condition, Idle Mode
Figure 23-3. I
PD Test Condition, Power-Down Mode
23.2.3
A-to-D Converter
Table 104. A-to-D Converter DC Characteristics
V
DD = 2.7 to 3.3V , TA = -40 to +85°C
X2
VDD
Clock Signal
RST
VSS
TST
X1
P0
(NC)
I
DL
All other pins are unconnected
VSS
VDD
VSS
VDD
PVDD
UVDD
AVDD
PVSS
UVSS
AVSS
RST
MCMD
P0
All other pins are unconnected
VSS
VDD
TST
MDAT
VDD
I
PD
VDD
PVDD
UVDD
AVDD
X2
VSS
X1
(NC)
VSS
PVSS
UVSS
AVSS
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
AV
DD
Analog Supply Voltage
2.7
3.3
V
AI
DD
Analog Operating Supply Current
600
μA
AV
DD = 3.3V
AIN1:0 = 0 to AV
DD
AI
PD
Analog Standby Current
2
μA
A
V
DD = 3.3V
ADEN = 0 or PD = 1
AV
IN
Analog Input Voltage
AV
SS
A
V
DD
V
AV
REF
Reference Voltage
A
REFN
A
REFP
AV
SS
2.4
A
V
DD
V
V
R
REF
AREF Input Resistance
10
30
k
Ω
T
A = 25°C
C
IA
Analog Input capacitance
10
pF
T
A = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com