Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTIL Datasheet(PDF) 166 Page - ATMEL Corporation

Part # AT89C5132-ROTIL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTIL Datasheet(HTML) 166 Page - ATMEL Corporation

Back Button AT89C5132-ROTIL Datasheet HTML 162Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 163Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 164Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 165Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 166Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 167Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 168Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 169Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 170Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 181 page
background image
166
4173D–USB–02/06
AT89C5132
Figure 24-14. SPI Master Waveforms (SSCPHA = 0)
Note:
1. SS handled by software using general purpose port pin.
Figure 24-15. SPI Master Waveforms (SSCPHA = 1)
Note:
1. SS handled by software using general purpose port pin.
24.2.4
Two-wire Interface
24.2.4.1
Timings
Table 36. TWI Interface AC Timing
T
CHCL
T
CLCH
MOSI
(input)
SCK
(SSCPOL = 0)
(input)
SS1
(input)
SCK
(SSCPOL = 1)
(input)
MISO
(output)
T
CHCH
T
CLCX
T
CHCX
T
IVCL
T
CLIX
T
CHIX
T
IVCH
T
CLOV
T
CHOV
T
CLOX
T
CHOX
MSB IN
BIT 6
LSB IN
SLAVE MSB OUT
SLAVE LSB OUT
BIT 6
T
SLOV
1
T
SHOX
T
SHSL
T
CHSH
T
CLSH
T
SLCL
T
SLCH
SI
(input)
SCK
(SSCPOL = 0)
(output)
SS1
(output)
SCK
(SSCPOL = 1)
(output)
SO
(output)
T
CHCH
T
CLCX
T
CHCX
T
IVCL
T
CLIX
T
CHIX
T
IVCH
T
CHOV
T
CLOV
T
CHOX
T
CLOX
MSB IN
BIT 6
LSB IN
MSB OUT
Port Data
LSB OUT
Port Data
BIT 6
T
CHCL
T
CLCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com