Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51CC03U-RDTIM Datasheet(PDF) 113 Page - ATMEL Corporation

Part # AT89C51CC03U-RDTIM
Description  Enhanced 8-bit MCU with CAN Controller and Flash Memory
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51CC03U-RDTIM Datasheet(HTML) 113 Page - ATMEL Corporation

Back Button AT89C51CC03U-RDTIM Datasheet HTML 109Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 110Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 111Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 112Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 113Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 114Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 115Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 116Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 117Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 197 page
background image
113
AT89C51CC03
4182K–CAN–05/06
Table 56. CANSIT1 Register
CANSIT1 (S:BAh Read Only)
CAN Status Interrupt Message Object Registers 1
Reset Value = x000 0000b
Table 57. CANSIT2 Register
CANSIT2 (S:BBh Read Only)
CAN Status Interrupt Message Object Registers 2
Reset Value = 0000 0000b
76
54
32
1
0
-
SIT14
SIT13
SIT12
SIT11
SIT10
SIT9
SIT8
Bit
Number
Bit Mnemonic Description
7-
Reserved
The values read from this bit is indeterminate. Do not set this bit.
6-0
SIT14:8
Status of Interrupt by Message Object
0 - no interrupt.
1 - IT turned on. Reset when interrupt condition is cleared by user.
SIT14:8 = 0b 0000 1001 -> IT’s on message objects 11 and 8.
see Figure 50.
76
54
32
1
0
SIT7
SIT6
SIT5
SIT4
SIT3
SIT2
SIT1
SIT0
Bit
Number
Bit Mnemonic Description
7-0
SIT7:0
Status of Interrupt by Message Object
0 - no interrupt.
1 - IT turned on. Reset when interrupt condition is cleared by user.
SIT7:0 = 0b 0000 1001 -> IT’s on message objects 3 and 0
see Figure 50.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com