Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51CC03U-RDTIM Datasheet(PDF) 115 Page - ATMEL Corporation

Part # AT89C51CC03U-RDTIM
Description  Enhanced 8-bit MCU with CAN Controller and Flash Memory
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51CC03U-RDTIM Datasheet(HTML) 115 Page - ATMEL Corporation

Back Button AT89C51CC03U-RDTIM Datasheet HTML 111Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 112Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 113Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 114Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 115Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 116Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 117Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 118Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 119Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 197 page
background image
115
AT89C51CC03
4182K–CAN–05/06
Table 60. CANBT1 Register
CANBT1 (S:B4h)
CAN Bit Timing Registers 1
Note:
The CAN controller bit timing registers must be accessed only if the CAN controller is dis-
abled with the ENA bit of the CANGCON register set to 0.
See Figure 52.
No default value after reset.
76
54
32
1
0
-
BRP 5
BRP 4
BRP 3
BRP 2
BRP 1
BRP 0
-
Bit
Number
Bit Mnemonic Description
7-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
6-1
BRP5:0
Baud rate prescaler
The period of the CAN controller system clock Tscl is programmable and
determines the individual bit timing.
0-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
Tscl =
BRP[5..0] + 1
Fcan



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com