Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51CC03U-RDTIM Datasheet(PDF) 132 Page - ATMEL Corporation

Part # AT89C51CC03U-RDTIM
Description  Enhanced 8-bit MCU with CAN Controller and Flash Memory
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51CC03U-RDTIM Datasheet(HTML) 132 Page - ATMEL Corporation

Back Button AT89C51CC03U-RDTIM Datasheet HTML 128Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 129Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 130Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 131Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 132Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 133Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 134Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 135Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 136Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 197 page
background image
132
AT89C51CC03
4182K–CAN–05/06
Functional Description
Figure 58 shows a detailed structure of the SPI Module.
Figure 58. SPI Module Block Diagram
Operating Modes
The Serial Peripheral Interface can be configured in one of the two modes: Master mode
or Slave mode. The configuration and initialization of the SPI Module is made through
two registers:
•
The Serial Peripheral Control register (SPCON)
•
The Serial Peripheral Status and Control Register (SPSCR)
Once the SPI is configured, the data exchange is made using:
•
The Serial Peripheral DATa register (SPDAT)
During an SPI transmission, data is simultaneously transmitted (shifted out serially) and
received (shifted in serially). A serial clock line (SCK) synchronizes shifting and sam-
pling on the two serial data lines (MOSI and MISO). A Slave Select line (SS) allows
individual selection of a Slave SPI device; Slave devices that are not selected do not
interfere with SPI bus activities.
Shift Register
0
1
2
3
4
5
6
7
Internal Bus
Pin
Control
Logic
MISO
MOSI
SCK
M
S
Clock
Logic
SPI Interrupt
8-bit bus
1-bit signal
SS
FCLK
Receive Data Register
SPDAT
SPI
Control
Transmit Data Register
-MODF
SPIF
OVR
SPTE
UARTM SPTEIE MODFIE
SPSCR
SPEN
MSTR
SPR2
SSDIS
CPOL
CPHA
SPR1
SPR0
SPCON
Request
PERIPH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com