Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51CC03U-RDTIM Datasheet(PDF) 135 Page - ATMEL Corporation

Part # AT89C51CC03U-RDTIM
Description  Enhanced 8-bit MCU with CAN Controller and Flash Memory
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51CC03U-RDTIM Datasheet(HTML) 135 Page - ATMEL Corporation

Back Button AT89C51CC03U-RDTIM Datasheet HTML 131Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 132Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 133Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 134Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 135Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 136Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 137Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 138Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 139Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 197 page
background image
135
AT89C51CC03
4182K–CAN–05/06
When a transmission is in progress a new data can be queued and sent as soon as
transmission has been completed. So it is possible to transmit bytes without latency,
useful in some applications.
The SPTE bit in SPSCR is set as long as the transmission buffer is free. It means that
the user application can write SPDAT with the data to be transmitted until the SPTE
becomes cleared.
Figure 63 shows a queuing transmission in master mode. Once the Byte 1 is ready, it is
immediately sent on the bus. Meanwhile an other byte is prepared (and the SPTE is
cleared), it will be sent at the end of the current transmission. The next data must be
ready before the end of the current transmission.
Figure 63. Queuing Transmission In Master Mode
In slave mode it is almost the same except it is the external master that start the
transmission.
Also, in slave mode, if no new data is ready, the last value received will be the next data
byte transmitted.
MSB
B6
B5
B4
B3
B2
B1
LSB
MOSI
SCK
MSB
B6
B5
B4
B3
B2
B1
LSB
BYTE 1 under transmission
MSB
B6
B5
B4
B3
B2
B1
LSB MSB
B6
B5
B4
B3
B2
B1
LSB
MISO
Data
Byte 1
Byte 2
Byte 3
SPTE
BYTE 2 under transmission



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com