Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H48SV3R310 Datasheet(PDF) 7 Page - Delta Electronics, Inc.

Part # H48SV3R310
Description  Delphi Series H48SV, 150W Half Brick Family DC/DC Power Modules: 48V in, 3.3V/10A out
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

H48SV3R310 Datasheet(HTML) 7 Page - Delta Electronics, Inc.

Back Button H48SV3R310 Datasheet HTML 3Page - Delta Electronics, Inc. H48SV3R310 Datasheet HTML 4Page - Delta Electronics, Inc. H48SV3R310 Datasheet HTML 5Page - Delta Electronics, Inc. H48SV3R310 Datasheet HTML 6Page - Delta Electronics, Inc. H48SV3R310 Datasheet HTML 7Page - Delta Electronics, Inc. H48SV3R310 Datasheet HTML 8Page - Delta Electronics, Inc. H48SV3R310 Datasheet HTML 9Page - Delta Electronics, Inc. H48SV3R310 Datasheet HTML 10Page - Delta Electronics, Inc. H48SV3R310 Datasheet HTML 11Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
ELECTRICAL CHARACTERISTICS CURVES
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
2468
10
12
14
16
18
LOAD CURRENT (A)
Vin=48V
Figure 14: Output voltage ripple at nominal input Voltage
(Vin=48V) and rated load current(Io=10A) (20 mV/div). Load
capacitance: 1µF ceramic capacitor and 10µF tantalum
capacitor. Bandwidth: 20 MHz. Scope measurement should be
made using a BNC cable (length shorter than 20 inches).
Position the load between 51 mm and 76 mm (2 inches and 3
inches) from the module.
Figure 15: Output voltage vs. load current showing typical
current limit curves and converter shutdown points.
DS_H48SV3R310_08152006
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com