Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H48SV3R310 Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # H48SV3R310
Description  Delphi Series H48SV, 150W Half Brick Family DC/DC Power Modules: 48V in, 3.3V/10A out
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

H48SV3R310 Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  H48SV3R310 Datasheet HTML 1Page - Delta Electronics, Inc. H48SV3R310 Datasheet HTML 2Page - Delta Electronics, Inc. H48SV3R310 Datasheet HTML 3Page - Delta Electronics, Inc. H48SV3R310 Datasheet HTML 4Page - Delta Electronics, Inc. H48SV3R310 Datasheet HTML 5Page - Delta Electronics, Inc. H48SV3R310 Datasheet HTML 6Page - Delta Electronics, Inc. H48SV3R310 Datasheet HTML 7Page - Delta Electronics, Inc. H48SV3R310 Datasheet HTML 8Page - Delta Electronics, Inc. H48SV3R310 Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
ELECTRICAL CHARACTERISTICS CURVES
60
65
70
75
80
85
90
95
24
68
OUTPUT CURRENT(A)
10
36Vin
48Vin
75Vin
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
24
6
8
OUTPUT CURRENT(A)
10
36Vin
48Vin
75Vin
Figure 1: Efficiency vs. load current for minimum, nominal, and
maximum input voltage at 25°C.
Figure 2: Power dissipation vs. load current for minimum,
nominal, and maximum input voltage at 25°C.
Figure 3: Typical input characteristics at room temperature
(Io=10A)
DS_H48SV3R310_08152006
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com