Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H48SV3R310 Datasheet(PDF) 13 Page - Delta Electronics, Inc.

Part # H48SV3R310
Description  Delphi Series H48SV, 150W Half Brick Family DC/DC Power Modules: 48V in, 3.3V/10A out
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

H48SV3R310 Datasheet(HTML) 13 Page - Delta Electronics, Inc.

Back Button H48SV3R310 Datasheet HTML 6Page - Delta Electronics, Inc. H48SV3R310 Datasheet HTML 7Page - Delta Electronics, Inc. H48SV3R310 Datasheet HTML 8Page - Delta Electronics, Inc. H48SV3R310 Datasheet HTML 9Page - Delta Electronics, Inc. H48SV3R310 Datasheet HTML 10Page - Delta Electronics, Inc. H48SV3R310 Datasheet HTML 11Page - Delta Electronics, Inc. H48SV3R310 Datasheet HTML 12Page - Delta Electronics, Inc. H48SV3R310 Datasheet HTML 13Page - Delta Electronics, Inc. H48SV3R310 Datasheet HTML 14Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
MECHANICAL DRAWING
Pin No.
Name
Function
1
2
3
4
5
6
7
8
9
-Vin
Case
ON/OFF
+Vin
+Vout
+SENSE
TRIM
-SENSE
-Vout
Negative input voltage
Case Ground
Remote ON/OFF
Positive input voltage
Positive output voltage
Positive remote sense
Output voltage trim
Negative remote sense
Negative output voltage
Pin Specification:
Pins 1-4, 6-8
1.02mm (0.040”) diameter
Pins 5 & 9
2.00mm (0.079”) diameter
All pins are copper with Tin plating.
DS_H48SV3R310_08152006
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com