Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7538QTR Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST7538QTR
Description  FSK power line transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7538QTR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST7538QTR Datasheet HTML 9Page - STMicroelectronics ST7538QTR Datasheet HTML 10Page - STMicroelectronics ST7538QTR Datasheet HTML 11Page - STMicroelectronics ST7538QTR Datasheet HTML 12Page - STMicroelectronics ST7538QTR Datasheet HTML 13Page - STMicroelectronics ST7538QTR Datasheet HTML 14Page - STMicroelectronics ST7538QTR Datasheet HTML 15Page - STMicroelectronics ST7538QTR Datasheet HTML 16Page - STMicroelectronics ST7538QTR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
ST7538Q
Electrical characteristics
13/44
5V voltage regulator
VDC
Linear regulator output
voltage
0 < Io < 50mA
7.5V < PAVcc < 12.5V
-5%
5.05
+5%
V
PGVDC
Power Good Output
Voltage Threshold on VDC
pin
4.3
4.5
4.7
V
PG
VDC
(HYS)
PG on VDC pin Hysteresis
250
mV
3.3V voltage regulator
DVdd
Linear Regulator Output
Voltage
0 < Io < 50mA
7.5V < PAVcc < 12.5V
-5%
3.3
+5%
V
PGDVdd
Power Good Output
Voltage Threshold on DVdd
pin
3.125
V
PG
DVdd
(HYS)
PG on DVdd pin Hysteresis
250
mV
Other functions
TRSTO
Reset Time
See Figure 21;
Xtal = 16MHz
50
ms
TWD
Watch-dog Pulse Width
See Figure 21
3.5
ms
TWM
Watch-dog Pulse Period
See Figure 21
TWD +
3.5
1490
ms
TWO
Watch-dog Time Out
See Figure 21
1.5
s
TOUT
TX TIME OUT
Control Register Bit 7
and Bit 8
See Figure 20
1
3
s
TOFF
Time Out OFF Time
See Figure 20
125
ms
TOFFD
RxTx 0->1 vs. TOUT Delay See Figure 20
20
µs
TCD
Carrier Detection Time
selectable by register
Control Register
bit 9 and bit10
Figure 11
500
1
3
5
µs
ms
ms
ms
TDCD
CD_PD Propagation Delay Figure 11
300
500
µs
MCLK
Master Clock Output
Selectable by register
Control Register
bit 15 and bit 16
see Table 11
fclock
fclock/2
fclock/4
off
MHz
BAUD
Baud rate
Control Register
bit 3 and bit 4
see Table 11
600
1200
2400
4800
Baud
Table 4. Electrical characteristics (continued)
(AVdd = DVdd = +5V, PAVcc =+9 V, PAVss, SGND = DVss = 0V, -40°C
≤TA ≤ 85°C, TJ < 125 °C, fc = 86kHz,
other control register parameters as default value, unless otherwise specified)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com