Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7538QTR Datasheet(PDF) 38 Page - STMicroelectronics

Part # ST7538QTR
Description  FSK power line transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7538QTR Datasheet(HTML) 38 Page - STMicroelectronics

Back Button ST7538QTR Datasheet HTML 34Page - STMicroelectronics ST7538QTR Datasheet HTML 35Page - STMicroelectronics ST7538QTR Datasheet HTML 36Page - STMicroelectronics ST7538QTR Datasheet HTML 37Page - STMicroelectronics ST7538QTR Datasheet HTML 38Page - STMicroelectronics ST7538QTR Datasheet HTML 39Page - STMicroelectronics ST7538QTR Datasheet HTML 40Page - STMicroelectronics ST7538QTR Datasheet HTML 41Page - STMicroelectronics ST7538QTR Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
Auxiliary analog and digital functions
ST7538Q
38/44
6.5
Output clock
MCLK is the master clock output. The clock frequency sourced can be programed through
the control register to be a ratio of the crystal oscillator frequency (Fosc, Fosc/2 Fosc/4) or
can be disabled (off). The transition between one frequency and another is done only at the
end of the ongoing cycle.
6.6
Output voltage level freeze
The Output Level Freeze function, when enabled, turns off the Voltage Control Loop once
the ALC stays in a stable condition for about 3 periods of control loop, and maintains a
constant gain until the end of transmission. Output Level Freeze can be enabled using
Control Register bit 17 (Table 11). This function is available only using the Extended Control
Register (Control Register bit 21 = ”1”).
6.7
Extended control register
When Extended Control Register function is enabled, all the 48 bits of Control Register are
programmable. Otherwise, only the first 24 bits of Control Register are programmable. The
functions Header Recognition, Frame Bit Count and Output Voltage Freeze are available
only if Extended Control Register function is enabled. Extended Control Register can be
enabled setting the Control Register bit 21(Table 11).
6.8
Reg OK
REGOK allows to detect an incomplete writing of the Control Register content (see
Section 5.6: Control register access on page 21) or an accidental corruption of the Control
Register content. In these cases REGOK goes to “1” until a new Control Register writing
session is performed.
6.9
Under voltage lock out
The UVLO function turns off the device if the PAVcc voltage falls under 4V. Hysteresis is
340mV typically.
6.10
Thermal shutdown
The ST7538Q is provided of a thermal protection which turn off the PLI when the junction
temperature exceeds 170°C ± 10% . Hysteresis is around 30°C.
When shutdown threshold is overcome, PLI interface is switched OFF.
Thermal Shutdown event is notified to the HOST controller using TIMEOUT line. When
TIMEOUT line is High, ST7538Q junction temperature exceed the shutdown threshold (Not
Leached).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com