Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7538QTR Datasheet(PDF) 39 Page - STMicroelectronics

Part # ST7538QTR
Description  FSK power line transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7538QTR Datasheet(HTML) 39 Page - STMicroelectronics

Back Button ST7538QTR Datasheet HTML 35Page - STMicroelectronics ST7538QTR Datasheet HTML 36Page - STMicroelectronics ST7538QTR Datasheet HTML 37Page - STMicroelectronics ST7538QTR Datasheet HTML 38Page - STMicroelectronics ST7538QTR Datasheet HTML 39Page - STMicroelectronics ST7538QTR Datasheet HTML 40Page - STMicroelectronics ST7538QTR Datasheet HTML 41Page - STMicroelectronics ST7538QTR Datasheet HTML 42Page - STMicroelectronics ST7538QTR Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
ST7538Q
Auxiliary analog and digital functions
39/44
6.11
5V and 3.3V voltage regulators and power good function
ST7538Q has an embedded 5V linear regulator externally available to supply the application
circuitry.
The linear regulator has a very low quiescent current (50
µA) and a current capability of
50mA. The regulator is protected against short circuitry events.
The DVdd pin can act either as 3.3V Voltage Output or as Input Digital Supply. When the
DVdd pin is externally forced to 5V all the Digital I/Os operate at 5V, otherwise all the Digital
I/Os are internally supplied at 3.3V. The DVdd pin can also source 3.3V voltage to supply
external components. The 3.3V linear regulator has a very low quiescent current (50
µA) and
a current capability of 50mA. The regulator is protected against short circuitry events.
If AVdd and DVdd pins are connected to VDC pin, the 5V regulator maximum current
capability rises to 100mA
When the regulator Voltages are above of the power good thresholds VPG (see Table 4),
Power Good line is forced high, while is forced low at startup and when VDC or DVdd falls
below VPG - VPGHYS Voltage.
Figure 23. Power good function
PG OK
250mV
Time
Time
VDC/DVDD
4.5V/3.125V
PG
D03IN1411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com