Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA6830 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATA6830
Description  INTELLIGENT STEPPER MOTOR DRIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6830 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATA6830 Datasheet HTML 9Page - ATMEL Corporation ATA6830 Datasheet HTML 10Page - ATMEL Corporation ATA6830 Datasheet HTML 11Page - ATMEL Corporation ATA6830 Datasheet HTML 12Page - ATMEL Corporation ATA6830 Datasheet HTML 13Page - ATMEL Corporation ATA6830 Datasheet HTML 14Page - ATMEL Corporation ATA6830 Datasheet HTML 15Page - ATMEL Corporation ATA6830 Datasheet HTML 16Page - ATMEL Corporation ATA6830 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
4575D–BCD–09/05
ATA6830
In addition to the actual step frequency there is a maximum step frequency up to which the
actual step frequency can rise. To secure a correct operation at low supply voltages the maxi-
mum value for the stepping frequency is smaller at low voltages. If the supply voltage falls below
the 9V threshold, travel operation will suspend. To restart operation, the supply voltage has to
rise above 10.5V. The relation of the maximum step frequency and the supply voltage during
operation is shown in Table 3-4.
If the chip temperature exceeds the overtemperature warning threshold, the step speed is
reduced to 300 Hz. If the chip temperature rises further the output driver is shut off.
3.9
Step Operation
The stepping motor is operated in halfstep-compensation mode. The current for both coils is
shown in Figure 3-10. The current levels are increased when the temperature is below 0°C to
secure operation. For final tests at the end of the application production line the currents are
reduced.
Figure 3-10. Compensated Halfstep Operation
Table 3-4.
Maximum Step Frequency
VBAT
Maximum Step Frequency
at Rising Voltage
Maximum Step Frequency
(VBAT once > 10.5V)
< 9V
No operation
No operation
9V to 9.5V
No operation
300 Hz (3.33 ms)
9.5V to 10V
No operation
500 Hz (2.03 ms)
10V to 10.5V
No operation
680 Hz (1,47 ms)
10.5V to 11V
850 Hz (1.17 ms)
850 Hz (1.17 ms)
> 11V
1000 Hz (1 ms)
1000 Hz (1 ms)
> 20V
No operation
No operation
700mA
500mA
-500mA
-700mA
700mA
500mA
-500mA
-700mA
12345
678
coil A
coil B
half steps
half steps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com