Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA6830 Datasheet(PDF) 18 Page - ATMEL Corporation

Part # ATA6830
Description  INTELLIGENT STEPPER MOTOR DRIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6830 Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button ATA6830 Datasheet HTML 14Page - ATMEL Corporation ATA6830 Datasheet HTML 15Page - ATMEL Corporation ATA6830 Datasheet HTML 16Page - ATMEL Corporation ATA6830 Datasheet HTML 17Page - ATMEL Corporation ATA6830 Datasheet HTML 18Page - ATMEL Corporation ATA6830 Datasheet HTML 19Page - ATMEL Corporation ATA6830 Datasheet HTML 20Page - ATMEL Corporation ATA6830 Datasheet HTML 21Page - ATMEL Corporation ATA6830 Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
18
4575D–BCD–09/05
ATA6830
6.7
Threshold voltage
10.0V comparator,
rising edge
1, 7, 15,
21
V10_UP
9.8
10.1
10.4
V
A
6.8
Threshold voltage
10.0V comparator,
falling edge
1, 7, 15,
21
V
10_DOWN
9.6
9.9
10.2
V
A
6.9
Hysteresis
10.0V comparator
1, 7, 15,
21
V10_HYS
60
200
340
mV
A
6.10
Threshold voltage
10.5V comparator,
rising edge
1, 7, 15,
21
V
10_5_UP
10.35
10.65
10.95
V
A
6.11
Threshold voltage
10.5V comparator,
falling edge
1, 7, 15,
21
V
10_5_DOWN
10.15
10.45
10.75
V
A
6.12
Hysteresis
10.5V comparator
1, 7, 15,
21
V10_5_HYS
60
200
340
mV
A
6.13
Threshold voltage
11.0V comparator,
rising edge
1, 7, 15,
21
V
11_UP
10.8
11.1
11.4
V
A
6.14
Threshold voltage
11.0V comparator,
falling edge
1, 7, 15,
21
V
11_DOWN
10.6
10.9
11.2
V
A
6.15
Hysteresis
11.0V comparator
1, 7, 15,
21
V11_HYS
60
200
340
mV
A
6.16
Threshold voltage
20.0V comparator,
rising edge
1, 7, 15,
21
V
20_UP
19.7
20.2
20.7
V
A
6.17
Threshold voltage
20.0V comparator,
falling edge
1, 7, 15,
21
V
20_DOWN
19.25
19.75
20.25
V
A
6.18
Hysteresis
20.0V comparator
1, 7, 15,
21
V20_HYS
200
450
750
mV
A
6.19
Threshold voltage
Motor disable
(falling voltage)
1, 7, 15,
21
V
9_DOWN
8.6
8.9
9.2
V
A
6.20
Threshold voltage
Motor enable
(rising voltage)
1, 7, 15,
21
V10_5_UP
10.35
10.65
10.95
V
A
6.21
Hyteresis
Undervoltage turn off
1, 7, 15,
21
MDIS_HYS
1.3
1.7
2.1
V
A
6.22
Distance
9.5V to 9V comparator
rising edges
1, 7, 15,
21
D
9.5-9_R
300
500
700
mV
A
6.23
Distance
9.5V to 9V comparator
falling edges
1, 7, 15,
21
D9.5-9F
300
500
700
mV
A
6.24
Distance
10V to 9.5V comparator
rising edges
1, 7, 15,
21
D10-9.5R
300
500
700
mV
A
6.25
Distance
10V to 9.5V comparator
falling edges
1, 7, 15,
21
D
10-9.5F
300
500
700
mV
A
6.26
Distance
10.5V to 10V
comparator rising
edges
1, 7, 15,
21
D
10.5-10R
300
500
700
mV
A
6.27
Distance
10.5V to 10V
comparator falling
edges
1, 7, 15,
21
D10.5-10F
300
500
700
mV
A
6.28
Distance
11V to 10.5V
comparator rising
edges
1, 7, 15,
21
D11-10.5R
300
500
700
mV
A
7.
Electrical Characteristics (Continued)
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
Note:
1. cmd = command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com