Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA6830 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATA6830
Description  INTELLIGENT STEPPER MOTOR DRIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6830 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATA6830 Datasheet HTML 2Page - ATMEL Corporation ATA6830 Datasheet HTML 3Page - ATMEL Corporation ATA6830 Datasheet HTML 4Page - ATMEL Corporation ATA6830 Datasheet HTML 5Page - ATMEL Corporation ATA6830 Datasheet HTML 6Page - ATMEL Corporation ATA6830 Datasheet HTML 7Page - ATMEL Corporation ATA6830 Datasheet HTML 8Page - ATMEL Corporation ATA6830 Datasheet HTML 9Page - ATMEL Corporation ATA6830 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
4575D–BCD–09/05
ATA6830
3.3
Stepping Motor Driver
Figure 3-3.
H-bridge Driver Stage
Figure 3-3 shows the diagram of one H-bridge driver stage. It consists of two NMOS and two
PMOS power transistors. An external shunt is used for measuring the current flowing through
the motor coil. Additional comparators and current sensing circuitry is integrated for error
detection.
3.4
Data Communication
The circuit receives all commands for the stepping motor via a single wire bus. In idle mode the
bus pin is pulled up by an internal current source near to VBAT voltage. During the transmission
the external transmitter has to pull down the bus level to send information about data and clock
timing. The used baud rate has to be about 2400 baud. Because of oscillator tolerances a syn-
chronization sequence has to be sent at the beginning of data transfer.
Figure 3-4 on page 7 shows the pattern used for this sequence. The circuit uses the 1-0-1-0
sequences for adjusting the internal bit time. Later on during data transfer every 1-0-1-0
sequence coming up randomly is used for resynchronization. Thus all tolerances that occur dur-
ing operation will be eliminated.
To obtain a synchronization of up to 15% oscillator tolerance the pattern has to be sent at least 4
times.
Shunt
VBAT
SM1x
SM2x
SRx
Vref
Stepper Motor Control
Temperature
Warning
Temperature
Shutdown
Clk
Reset
Error Signals
Driver Logic
Temp. Shutdown
Temp. Warning



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com