Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZA109 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BZA109
Description  9-fold ESD transient voltage suppressor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZA109 Datasheet(HTML) 5 Page - NXP Semiconductors

  BZA109 Datasheet HTML 1Page - NXP Semiconductors BZA109 Datasheet HTML 2Page - NXP Semiconductors BZA109 Datasheet HTML 3Page - NXP Semiconductors BZA109 Datasheet HTML 4Page - NXP Semiconductors BZA109 Datasheet HTML 5Page - NXP Semiconductors BZA109 Datasheet HTML 6Page - NXP Semiconductors BZA109 Datasheet HTML 7Page - NXP Semiconductors BZA109 Datasheet HTML 8Page - NXP Semiconductors BZA109 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
1997 Dec 01
5
Philips Semiconductors
Product specification
9-fold ESD transient voltage suppressor
BZA109
Fig.6 ESD clamping test set-up and waveforms.
handbook, full pagewidth
MBK273
450
Ω
50
Ω
Note 1: attenuator is only used for open
socket high voltage measurements
IEC 1000-4-2 network
CZ = 150 pF; RZ = 330 Ω
1/9 BZA109
RG 223/U
50
Ω coax
RZ
CZ
ESD TESTER
DIGITIZING
OSCILLOSCOPE
10
×
ATTENUATOR
note 1
450
Ω
input
output
50
Ω
RG 223/U
50
Ω coax
DIGITIZING
OSCILLOSCOPE
10
×
ATTENUATOR
note 1
CH1
CH2
vertical scale = 100 V/Div
horizontal scale = 50 ns/Div
vertical scale = 10 V/Div
horizontal scale = 50 ns/Div
vertical scale = 100 V/Div
horizontal scale = 50 ns/Div
vertical scale = 10 V/Div
horizontal scale = 50 ns/Div
output
input
input
output
GND
GND
GND
GND
GND
unclamped
+1 kV ESD voltage waveform
(IEC1000
−4−2 network)
clamped
+1 kV ESD voltage waveform
(IEC1000
−4−2 network)
GND
unclamped
−1 kV ESD voltage waveform
(IEC1000
−4−2 network)
clamped
−1 kV ESD voltage waveform
(IEC1000
−4−2 network)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com