Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZA109 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BZA109
Description  9-fold ESD transient voltage suppressor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZA109 Datasheet(HTML) 3 Page - NXP Semiconductors

  BZA109 Datasheet HTML 1Page - NXP Semiconductors BZA109 Datasheet HTML 2Page - NXP Semiconductors BZA109 Datasheet HTML 3Page - NXP Semiconductors BZA109 Datasheet HTML 4Page - NXP Semiconductors BZA109 Datasheet HTML 5Page - NXP Semiconductors BZA109 Datasheet HTML 6Page - NXP Semiconductors BZA109 Datasheet HTML 7Page - NXP Semiconductors BZA109 Datasheet HTML 8Page - NXP Semiconductors BZA109 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
1997 Dec 01
3
Philips Semiconductors
Product specification
9-fold ESD transient voltage suppressor
BZA109
THERMAL CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
one or more diodes loaded
100
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Per diode
VZ
working voltage
IZ = 250 µA
6.4
6.8
7.2
V
VF
forward voltage
IF = 100 mA
−−
1.1
V
VZSM
non-repetitive peak reverse voltage
IZSM = 2.5 A; tp =1ms
−−
10
V
IH
input high current
VIN = 5.25 V
−−
0.5
µA
rdif
differential resistance
IZ = 250 µA
−−
100
Ω
SZ
temperature coefficient of
working voltage
IZ =5mA
−
3
−
mV/K
Cd
diode capacitance
see Fig.5
VR = 0; f = 1 MHz
−−
200
pF
VR = 5.25 V; f = 1 MHz
−−
100
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com