Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZA109 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BZA109
Description  9-fold ESD transient voltage suppressor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZA109 Datasheet(HTML) 4 Page - NXP Semiconductors

  BZA109 Datasheet HTML 1Page - NXP Semiconductors BZA109 Datasheet HTML 2Page - NXP Semiconductors BZA109 Datasheet HTML 3Page - NXP Semiconductors BZA109 Datasheet HTML 4Page - NXP Semiconductors BZA109 Datasheet HTML 5Page - NXP Semiconductors BZA109 Datasheet HTML 6Page - NXP Semiconductors BZA109 Datasheet HTML 7Page - NXP Semiconductors BZA109 Datasheet HTML 8Page - NXP Semiconductors BZA109 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1997 Dec 01
4
Philips Semiconductors
Product specification
9-fold ESD transient voltage suppressor
BZA109
GRAPHICAL DATA
Fig.2
Maximum non-repetitive peak reverse
current as a function of pulse time.
handbook, halfpage
10
1
MBK269
10−1
110
tp (ms)
IZSM
(A)
Fig.3 Power derating curve.
One or more diodes loaded.
handbook, halfpage
050
Ptot
(W)
100
200
Tamb (°C)
2.0
1.5
0.5
0
1.0
150
MBK393
Fig.4
Maximum non-repetitive peak reverse power
dissipation as a function of pulse duration
(square pulse).
PZSM =VZSM × IZSM.
VZSM is the non-repetitive peak reverse voltage at IZSM.
handbook, halfpage
102
10
MBK270
10−1
110
tp (ms)
PZSM
(W)
Fig.5
Diode capacitance as a function of reverse
voltage; typical values.
Tj =25 °C; f = 1 MHz.
handbook, halfpage
0
150
100
50
0
26
VR (V)
4
Cd
(pF)
MBK272



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com