Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFR96/D Datasheet(PDF) 3 Page - Motorola, Inc

Part # BFR96/D
Description  The RF Line NPN SILICON HIGH-FREQUENCY TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BFR96/D Datasheet(HTML) 3 Page - Motorola, Inc

  BFR96/D Datasheet HTML 1Page - Motorola, Inc BFR96/D Datasheet HTML 2Page - Motorola, Inc BFR96/D Datasheet HTML 3Page - Motorola, Inc BFR96/D Datasheet HTML 4Page - Motorola, Inc BFR96/D Datasheet HTML 5Page - Motorola, Inc BFR96/D Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
BFR96
MOTOROLA RF DEVICE DATA
Figure 5. Noise Figure versus Frequency
Figure 6. Noise Figure versus
Collector Current
4
3
2
1
0.1
0.2
0.5
0.3
1
4
3
2
1
0
20
40
60
80
IC, COLLECTOR CURRENT (mA)
VCE = 10 V
f = 0.5 GHz
VCE = 10 V
IC = 50 mA
10 mA
f, FREQUENCY (GHz)
Figure 7. Collector–Base Capacitance versus
Collector–Base Voltage
4
0
2
4
6
8
VCB, COLLECTOR–BASE VOLTAGE (Vdc)
3
2
1
0
10
12
14



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com