Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFR96/D Datasheet(PDF) 4 Page - Motorola, Inc

Part # BFR96/D
Description  The RF Line NPN SILICON HIGH-FREQUENCY TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BFR96/D Datasheet(HTML) 4 Page - Motorola, Inc

  BFR96/D Datasheet HTML 1Page - Motorola, Inc BFR96/D Datasheet HTML 2Page - Motorola, Inc BFR96/D Datasheet HTML 3Page - Motorola, Inc BFR96/D Datasheet HTML 4Page - Motorola, Inc BFR96/D Datasheet HTML 5Page - Motorola, Inc BFR96/D Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
BFR96
4
MOTOROLA RF DEVICE DATA
– 60
°
– 30
°
+j100
+j10
– j10
– j25
– j100
– j150
– j250
– j500
Figure 8. Input/Output Reflection
Coefficients versus Frequency
(VCE = 10 V, IC = 50 mA)
Figure 9. Forward/Reverse Transmission
Coefficients versus Frequency
(VCE = 10 V, IC = 50 mA)
+j150
+j250
+j500
+j50
+j25
0
– j50
+120
°
+150
°
180
°
–150
°
–120
°
– 90
°
0
°
+30
°
+60
°
+90
°
0.5
S22
S12
S21
f = 0.1 GHz
1
0.5
0.2
S11
1.5
1.5
0.2
0.2
0.3
1.5
S12
1.5
1
0.5
0.7
1
10
25
50
100 150
250
500
1
S21
0.5
12
8
4
0.1
0.2
0.3
f = 0.1 GHz
f = 0.1 GHz
VCE
(Volts)
IC
(mA)
f
(MHz)
S11
S21
S12
S22
VCE
(Volts)
IC
(mA)
f
(MHz)
|S11|
φ
|S21|
φ
|S12|
φ
|S22|
φ
5.0
10
100
300
500
700
1000
1500
0.51
0.43
0.46
0.48
0.48
0.54
– 95
– 163
– 174
– 162
– 146
– 121
15.04
5.87
3.61
2.65
1.92
1.40
121
92
79
68
57
43
0.047
0.082
0.120
0.161
0.220
0.320
54
58
63
63
63
58
0.58
0.26
0.19
0.15
0.12
0.13
– 48
– 63
– 63
– 64
– 79
– 118
25
100
300
500
700
1000
1500
0.39
0.39
0.42
0.44
0.44
0.49
– 122
– 176
– 166
– 156
– 142
– 118
19.41
6.81
4.11
3.05
2.20
1.62
112
89
78
69
59
45
0.037
0.079
0.129
0.176
0.244
0.348
60
68
70
68
64
57
0.42
0.16
0.10
0.06
0.06
0.10
– 68
– 94
– 103
– 119
– 159
– 177
50
100
300
500
700
1000
1500
0.35
0.38
0.42
0.43
0.42
0.47
– 140
– 176
– 162
– 153
– 140
– 116
21.10
7.11
4.28
3.16
2.28
1.66
106
88
78
70
60
47
0.032
0.081
0.133
0.183
0.252
0.357
64
72
72
69
65
57
0.33
0.13
0.09
0.07
0.08
0.12
– 81
– 116
– 136
– 163
– 165
– 155
10
10
100
300
500
700
1000
1500
0.53
0.38
0.41
0.42
0.42
0.49
– 83
– 154
– 179
– 166
– 151
– 125
15.96
6.44
3.98
2.94
2.12
1.50
124
94
81
70
60
44
0.039
0.070
0.102
0.138
0.191
0.278
58
59
64
65
66
63
0.65
0.35
0.30
0.27
0.24
0.22
– 36
– 41
– 39
– 39
– 47
– 72
25
100
300
500
700
1000
1500
0.38
0.32
0.35
0.37
0.37
0.43
– 104
– 169
– 170
– 160
– 146
– 121
20.85
7.54
4.61
3.37
2.43
1.73
115
91
80
70
61
47
0.032
0.070
0.109
0.152
0.210
0.304
60
68
71
69
67
61
0.48
0.23
0.19
0.16
0.13
0.10
– 48
– 48
– 43
– 39
– 44
– 74
50
100
300
500
700
1000
1500
0.33
0.30
0.34
0.36
0.36
0.42
– 119
– 176
– 166
– 158
– 144
– 119
22.59
7.74
4.70
3.45
2.46
1.75
109
88
79
70
61
47
0.029
0.069
0.113
0.156
0.217
0.310
63
72
73
70
66
60
0.39
0.19
0.16
0.14
0.11
0.08
– 51
– 47
– 40
– 35
– 39
– 72
Table 1. Common–Emitter S–Parameters



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com