Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFR96/D Datasheet(PDF) 5 Page - Motorola, Inc

Part # BFR96/D
Description  The RF Line NPN SILICON HIGH-FREQUENCY TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BFR96/D Datasheet(HTML) 5 Page - Motorola, Inc

  BFR96/D Datasheet HTML 1Page - Motorola, Inc BFR96/D Datasheet HTML 2Page - Motorola, Inc BFR96/D Datasheet HTML 3Page - Motorola, Inc BFR96/D Datasheet HTML 4Page - Motorola, Inc BFR96/D Datasheet HTML 5Page - Motorola, Inc BFR96/D Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
BFR96
MOTOROLA RF DEVICE DATA
PACKAGE DIMENSIONS
CASE 317A–01
ISSUE B
NOTES:
1. DIMENSION D NOT APPLICABLE IN ZONE N.
STYLE 2:
PIN 1. COLLECTOR
2. EMITTER
3. BASE
D
K
L
A
1
2
3
G
F
C
3 PL
N
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
4.44
5.21
0.175
0.205
C
1.90
2.54
0.075
0.100
D
0.84
0.99
0.033
0.039
F
0.20
0.30
0.008
0.012
G
0.76
1.14
0.030
0.045
K
7.24
8.13
0.285
0.320
L
10.54
11.43
0.415
0.450
N
–––
1.65
–––
0.065



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com