Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD2399GP Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CD2399GP
Description  Echo Processor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CD2399GP Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CD2399GP Datasheet HTML 1Page - List of Unclassifed Manufacturers CD2399GP Datasheet HTML 2Page - List of Unclassifed Manufacturers CD2399GP Datasheet HTML 3Page - List of Unclassifed Manufacturers CD2399GP Datasheet HTML 4Page - List of Unclassifed Manufacturers CD2399GP Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
第 3 页 共 5 页
极限参数(除非特别说明 Ta=25 )
℃
参数
符号
范围
Unit
工作电压
Vcc
3.0~7.0
V
工作电流
Icc
<
100
mA
工作温度
Topr
-40 to +85
℃
存储温度
Tstg
-65 to +150
℃
推荐工作条件
参数
符号
Min.
Typ.
Max.
Unit
工作电压
Vcc
4.5
5
5.5
V
时钟频率
fck
-
2
5
MHz
直流参数(未指明条件的均指:Vcc=5.0V,fin=1KHz,Vi=100mVrms,fck=2MHz,Ta=25℃)
参数
符号
测试条件
Min.
Typ.
Max.
Unit
工作电压
Vcc
-
4.5
5.0
5.5
V
工作电流
Icc
-
-
15
40
mA
电压增益
Gv
RL=47KΩ
-
-0.5
2.5
dB
最大输出电压
Vomax
THD=10%
-
80
100
m V
输出失真
THD
filter=A-weighting
-
0.6
1.5
%
输出噪声电压
No
filter=A-weighting
-
-90
-80
dBV
电压变化比率
PSRR
Δ
Vcc=-20dBV(0.1Vrms),f=100Hz
-
-40
-30
dB
应用示例 1 外部/延时电路
注意:电阻
R/延时时间 TD 的关系见下表
CD2399GP
www.web-ic.com.cn



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com