Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD2399GP Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # CD2399GP
Description  Echo Processor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CD2399GP Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  CD2399GP Datasheet HTML 1Page - List of Unclassifed Manufacturers CD2399GP Datasheet HTML 2Page - List of Unclassifed Manufacturers CD2399GP Datasheet HTML 3Page - List of Unclassifed Manufacturers CD2399GP Datasheet HTML 4Page - List of Unclassifed Manufacturers CD2399GP Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
第 5 页 共 5 页
注意:外接电阻
R 的范围 10KΩ~50KΩ。推荐使用的 10KΩ。增加电阻值,延时时间范围将扩大。
注意:电阻
R/延时时间 TD 的关系见下表
TABLE 1
Fck(MHz)
2.0
2.5
3.0
3.5
R(k)
28.1
21.8
17.8
15.0
Td(mS)
344
272
228
196
THD(%)
0.60
0.41
0.32
0.26
Fck(MHz)
4.0
4.5
5.0
5.5
R(k)
12.8
11.0
9.70
8.5
Td(Ms)
168
152
135
120
THD(%)
0.26
0.18
0.16
0.15
Fck(MHz)
6.0
6.5
7.0
7.5
R(k)
7.70
6.80
6.30
5.66
Td(mS)
114
104
96
92
THD(%)
0.13
0.12
0.11
0.10
Fck(MHz)
8.0
8.5
9.0
9.5
R(k)
5.15
4.73
4.39
4.34
Td(mS)
86
80
76
76
THD(%)
0.09
0.08
0.08
0.08
Fck(MHz)
10
11
12
13
R(k)
3.80
3.19
2.73
2.35
Td(mS)
69
63
56.8
52.8
THD(%)
0.07
0.08
0.10
0.10
Fck(MHz)
14
15
16
17
R(k)
2.01
1.74
1.52
1.41
Td(mS)
49.2
45.6
43.2
41.2
THD(%)
0.07
0.07
0.07
0.07
Fck(MHz)
18
19
20
21
22
R(k)
1.28
1.11
0.91
0.75
0.58
Td(mS)
38.8
36.0
34.4
32.6
31.0
THD(%)
0.07
0.08
0.08
0.08
0.07
注意:
1
R 如外部/延时电路中所示
2
Fck 为时钟频率
3
Td 表示延时时间
4
THD 为谐振失真
CD2399GP
www.web-ic.com.cn



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com